Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022281123 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0022281123
Description  KK 254 Breakaway Header, Right-Angle with Friction Lock, 12 Circuits, Tin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0022281123 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0022281123_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0022281123_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
235
Material Info
Engineering Number
42228-0117
Reference - Drawing Numbers
Product Specification
PS-10-07-001
Sales Drawing
SD-42228-001, SD-42228-001-002
This document was generated on 07/31/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0022281123_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022281123 MOLEX2-0022281123 Datasheet
288Kb / 4P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 12 Circuits, Tin (Sn) Plating. with Kinked PC Tails
More results

Similar Description - 0022281123_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022281120 MOLEX1-0022281120_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 12 Circuits, Tin
0022281126 MOLEX1-0022281126_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 12 Circuits, Tin (Sn)
0022281036 MOLEX1-0022281036_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 3 Circuits, Tin
0022281103 MOLEX1-0022281103_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 10 Circuits, Tin
0022281110 MOLEX1-0022281110_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 11 Circuits, Tin
0022281200 MOLEX1-0022281200_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 20 Circuits, Tin
0022281043 MOLEX1-0022281043_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 4 Circuits, Tin
0022281300 MOLEX1-0022281300_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 30 Circuits, Tin
0022281150 MOLEX1-0022281150 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 15 Circuits, Tin
0022281125 MOLEX1-0022281125_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 12 Circuits, 0.76m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com