Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVCB324245KR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AVCB324245KR
Description  32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCB324245KR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AVCB324245KR Datasheet HTML 1Page - Texas Instruments SN74AVCB324245KR Datasheet HTML 2Page - Texas Instruments SN74AVCB324245KR Datasheet HTML 3Page - Texas Instruments SN74AVCB324245KR Datasheet HTML 4Page - Texas Instruments SN74AVCB324245KR Datasheet HTML 5Page - Texas Instruments SN74AVCB324245KR Datasheet HTML 6Page - Texas Instruments SN74AVCB324245KR Datasheet HTML 7Page - Texas Instruments SN74AVCB324245KR Datasheet HTML 8Page - Texas Instruments SN74AVCB324245KR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74AVCB324245
32BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES485A − AUGUST 2003 − REVISED JUNE 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Notes 4 through 6)
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.4
3.6
V
VCCB
Supply voltage
1.4
3.6
V
High-level input
1.4 V to 1.95 V
VCCI × 0.65
3.6
VIH
High-level input
voltage
Data inputs
1.95 V to 2.7 V
1.7
3.6
V
VIH
voltage
Data inputs
2.7 V to 3.6 V
2
3.6
V
Low-level input
1.4 V to 1.95 V
0
VCCI × 0.35
VIL
Low-level input
voltage
Data inputs
1.95 V to 2.7 V
0
0.7
V
VIL
voltage
Data inputs
2.7 V to 3.6 V
0
0.8
V
High-level input
Control inputs
1.4 V to 1.95 V
VCCB × 0.65
VCCB
VIH
High-level input
voltage
Control inputs
(Referenced to VCCB)
1.95 V to 2.7 V
1.7
VCCB
V
VIH
voltage
(Referenced to VCCB)
2.7 V to 3.6 V
2
VCCB
V
Low-level input
Control inputs
1.4 V to 1.95 V
0
VCCB × 0.35
VIL
Low-level input
voltage
Control inputs
(Referenced to VCCB)
1.95 V to 2.7 V
0
0.7
V
VIL
voltage
(Referenced to VCCB)
2.7 V to 3.6 V
0
0.8
V
VO
Output voltage
0
VCCO
V
1.4 V to 1.6 V
−2
IOH
High-level output current
1.65 V to 1.95 V
−4
mA
IOH
High-level output current
2.3 V to 2.7 V
−8
mA
3 V to 3.6 V
−12
1.4 V to 1.6 V
2
IOL
Low-level output current
1.65 V to 1.95 V
4
mA
IOL
Low-level output current
2.3 V to 2.7 V
8
mA
3 V to 3.6 V
12
∆t/∆v
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTES:
4. VCCI is the VCC associated with the data input port.
5. VCCO is the VCC associated with the output port.
6. All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74AVCB324245KR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCB324245KR TI-SN74AVCB324245KR Datasheet
276Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVCB324245KR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCB324245 TI-SN74AVCB324245_06 Datasheet
276Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245_09 Datasheet
598Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245_07 Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245 Datasheet
418Kb / 19P
[Old version datasheet]   32-bit dual-supply bus transceiver with configurable voltage translation and 3-state outputs
SN74AVCH32T245 TI-SN74AVCH32T245_07 Datasheet
565Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245_07 Datasheet
334Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245 Datasheet
289Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245_09 Datasheet
649Kb / 20P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com