Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5009 Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # SM5009
Description  Crystal Oscillator Module ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5009 Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button SM5009 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 20Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—17
MEASUREMENT CIRCUITS
Measurement cct 1
• 5009AK×, AL×, AN1, AN2
R1: 50
R2: 250
Ω(VDD = 4.5V), 275Ω(VDD = 2.7V)
R3: 256
Ω(VDD = 4.5V), 288Ω(VDD = 2.7V)
• 5009AN3 to AN6, CN×
R1: 50
R2: 245
Ω(VDD = 4.5V), 262Ω(VDD = 2.7V)
R3: 256
Ω(VDD = 4.5V), 288Ω(VDD = 2.7V)
• 5009AH×
R1: 50
R2: 1000
Ω(VDD = 4.5V), 1100Ω(VDD = 2.7V)
R3: 1025
Ω(VDD = 4.5V), 1150Ω(VDD = 2.7V)
Measurement cct 2
Measurement cct 3
Signal
Generator
VDD
VSS
XT
Q
R1
R2
R3
VDD
0V
XT input waveform
(10MHz)
VOH
0V
Q output
VDD
VDD
VOL
Q output
0V
When
measuring VOL
When
measuring VOH
VDD
VSS
Q
IZ
VOH
VOL
V
A
IZ
VDD
VSS
XT
Q
X'tal
XT
INH
IDD
IST
A
Measurement cct 4
Measurement cct 5
Measurement cct 6
R1: 50
VDD
VSS
IPR
A
3.0V or 5.0V
INH
V
VIH
VIL
VDD
IPR
(VIL = 0V)
RUP2 =
IPR
VIH : 2.1V(V DD = 3.0V)
VIH : 3.5V(V DD = 5.0V)
VDD VIH
RUP
RUP1
=
VDD
VSS
IRf
Rf =
XT
VDD
IRf
XT
A
Signal
Generator
VSS
XT
Q
R1
VDD
INH


Similar Part No. - SM5009

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH2S NPC-SM5009AH2S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH3S NPC-SM5009AH3S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH4S NPC-SM5009AH4S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AK1S NPC-SM5009AK1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5009

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com