Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5009 Datasheet(PDF) 15 Page - Nippon Precision Circuits Inc

Part # SM5009
Description  Crystal Oscillator Module ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5009 Datasheet(HTML) 15 Page - Nippon Precision Circuits Inc

Back Button SM5009 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 19Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—15
5V operation: VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to 85°C unless otherwise noted.
5009AK
× series
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to 85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 2,
0.1VDD to 0.9VDD
CL = 15pF
2
4
ns
tr2
CL = 30pF
3.5
7
tr3
CL = 50pF
4
8
Output fall time
tf1
Measurement cct 3, load cct 2,
0.9VDD to 0.1VDD
CL = 15pF
2
4
ns
tf2
CL = 30pF
3.5
7
tf3
CL = 50pF
4
8
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 3, load cct 2, VDD = 5V, Ta = 25°C, CL = 50pF
45
55
%
Output disable delay time
tPLZ
Measurement cct 6, load cct 2, VDD = 5V, Ta = 25°C, CL ≤ 15pF
100
ns
Output enable delay time
tPZL
100
ns
Maximum operating
frequency
fmax
Measurement cct 3
SM5009AN
×S, CF5009AN×
40
MHz
SM5009CN
×S, CF5009CN×
30
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr
Measurement cct 3, load cct 1, 0.4V to 2.4V, CL = 15pF
2
6
ns
Output fall time
tf
Measurement cct 3, load cct 1, 2.4V to 0.4V, CL = 15pF
2
6
ns
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 3, load cct 1, VDD = 5V, Ta = 25°C, CL = 15pF
45
55
%
Output disable delay time
tPLZ
Measurement cct 6, load cct 1, VDD = 5V, Ta = 25°C, CL ≤ 15pF
100
ns
Output enable delay time
tPZL
100
ns
Maximum operating
frequency
fmax
Measurement cct 3
Ta = –20 to +80
°C40
MHz
Ta = –40 to +85
°C30


Similar Part No. - SM5009

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH2S NPC-SM5009AH2S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH3S NPC-SM5009AH3S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH4S NPC-SM5009AH4S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AK1S NPC-SM5009AK1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5009

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com