Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5009 Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM5009
Description  Crystal Oscillator Module ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5009 Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM5009 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5009 Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—12
Switching Characteristics
5009AL
× series
3V operation: VDD = 2.7 to 3.3V, VSS = 0V, Ta = −40 to 85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 2, 0.1VDD to 0.9VDD , CL = 15pF
3.5
9
ns
Measurement cct 3, load cct 2, 0.1VDD to 0.9VDD ,
VDD = 2.3 to 2.7V, Ta = –20 to +80°C, CL = 15pF
–4
13
tr2
Measurement cct 3, load cct 2, 0.1VDD to 0.9VDD , CL = 30pF
5
12
Measurement cct 3, load cct 2, 0.1VDD to 0.9VDD ,
VDD = 2.4 to 2.7V, Ta = –20 to +80°C, CL = 30pF
5.5
16
tr3
Measurement cct 3, load cct 2, 0.1VDD to 0.9VDD ,
VDD = 3.0 to 3.6V, f ≤ 30MHz, CL = 50pF
–5
12
Measurement cct 3, load cct 2, 0.2VDD to 0.8VDD ,
VDD = 3.0 to 3.6V, f ≤ 40MHz, CL = 50pF
3.5
12
Output fall time
tf1
Measurement cct 3, load cct 2, 0.9VDD to 0.1VDD , CL = 15pF
3.5
9
ns
Measurement cct 3, load cct 2, 0.9VDD to 0.1VDD ,
VDD = 2.3 to 2.7V, Ta = –20 to +80°C, CL = 15pF
–4
13
tf2
Measurement cct 3, load cct 2, 0.9VDD to 0.1VDD , CL = 30pF
5
12
Measurement cct 3, load cct 2, 0.9VDD to 0.1VDD ,
VDD = 2.4 to 2.7V, Ta = –20 to +80°C, CL = 30pF
5.5
16
tf3
Measurement cct 3, load cct 2, 0.9VDD to 0.1VDD ,
VDD = 3.0 to 3.6V, f ≤ 30MHz, CL = 50pF
–5
12
Measurement cct 3, load cct 2, 0.8VDD to 0.2VDD ,
VDD = 3.0 to 3.6V, f ≤ 40MHz, CL = 50pF
3.5
12
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty1
Measurement cct 3, load cct 2, VDD = 3V, f ≤ 40MHz, Ta = 25°C,
CL = 30pF
45–55
%
Measurement cct 3, load cct 2, VDD = 2.4V, f ≤ 14.4MHz, Ta = 25°C,
CL = 30pF
40–60
CF5009AL
× only, Measurement cct 3, load cct 2, VDD = 2.5V,
f
≤ 30MHz, Ta = 25°C, CL = 15pF
40–60
Duty2
CF5009AL
× only, Measurement cct 3, load cct 2, VDD = 3.3V,
f
≤ 30MHz, Ta = 25°C, CL = 50pF
45–55
CF5009AL
× only, Measurement cct 3, load cct 2, VDD = 3.3V,
f
≤ 40MHz, Ta = 25°C, CL = 50pF
40–60
Output disable delay time2
2. Oscillator stop function is built-in. When INH goes LOW, normal output stops. When INH goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 2, VDD = 3V, Ta = 25°C, CL ≤ 15pF
100
ns
Output enable delay time2
tPZL
100
ns
Maximum operating
frequency
fmax
Measurement cct 3
CF5009AL
×
40
MHz
SM5009AL
×S30
Measurement cct 3, Ta = –20 to +80
°C
SM5009AL
×S40
Measurement cct 3, Ta = –20 to +80
°C
VDD = 2.4 to 2.7V,
SM5009AL
×S
14.4
VDD = 2.3 to 2.7V,
CF5009AL
×
30
VDD = 2.25 to 2.75V,
CF5009AL
×
20


Similar Part No. - SM5009

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH2S NPC-SM5009AH2S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH3S NPC-SM5009AH3S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH4S NPC-SM5009AH4S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5009AK1S NPC-SM5009AK1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5009

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com