Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC548 Datasheet(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BC548
Description  Silicon NPN transistor in a TO-92(R) Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BC548 Datasheet(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BC548 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BC548 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BC548 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BC548 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BC548 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BC548 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BC548
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
波峰焊温度曲线图(无铅) / Temperature Profile for Dip Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 255±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:255
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:270±5℃
时间:10±1 sec.
Temp.:270±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
散件包装 / BULK
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm3)
Units/Bag
/袋
Bags/Inner Box
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Bag 袋
Inner Box 盒
Outer Box 箱
TO-92
1,000
10
10,000
5
50,000
135×190
237×172×102
560×245×195
1,000
10
10,000
10
100,000
135×190
237×172×102
560×245×375
编带包装 / AMMO
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm3)
Units/tape
/纸带
Tape/Inner Box
纸带
/盒
Rows/Inner Box
纸带层
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Inner Box 盒
Outer Box 箱
TO-92
3,000
1
120
10
30,000
328×230×42
小箱
480×346×235,
大箱
547×407×268
使用说明 / Notices


Similar Part No. - BC548

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC548 ONSEMI-BC548 Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
SUNMATE electronic Co.,...
BC548 SUNMATE-BC548 Datasheet
540Kb / 4P
   NPN SILICON AMPLIFIER TRANSISTOR
logo
Unisonic Technologies
BC548 UTC-BC548 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC548 FAIRCHILD-BC548 Datasheet
55Kb / 4P
   Switching and Applications
logo
Semtech Corporation
BC548 SEMTECH-BC548 Datasheet
371Kb / 5P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - BC548

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BC547 FOSHAN-BC547 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC184 FOSHAN-BC184 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
PH2369 FOSHAN-PH2369 Datasheet
840Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC337 FOSHAN-BC337 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC338 FOSHAN-BC338 Datasheet
729Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC549 FOSHAN-BC549 Datasheet
807Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BF370 FOSHAN-BF370 Datasheet
669Kb / 5P
   Silicon NPN transistor in a TO-92(R) Plastic Package
ED1502 FOSHAN-ED1502 Datasheet
783Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
ED1702 FOSHAN-ED1702 Datasheet
667Kb / 5P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC550 FOSHAN-BC550 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com