Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3253 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3253
Description  High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3253 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3253_17 Datasheet HTML 15Page - Texas Instruments LM3253_17 Datasheet HTML 16Page - Texas Instruments LM3253_17 Datasheet HTML 17Page - Texas Instruments LM3253_17 Datasheet HTML 18Page - Texas Instruments LM3253_17 Datasheet HTML 19Page - Texas Instruments LM3253_17 Datasheet HTML 20Page - Texas Instruments LM3253_17 Datasheet HTML 21Page - Texas Instruments LM3253_17 Datasheet HTML 22Page - Texas Instruments LM3253_17 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
EN
BP
VOUT
7 20 µs
VIN
8 30 µs
VCON
LM3253
www.ti.com
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
Figure 25. Startup Sequence and Conditions
DSBGA Package Assembly And Use
Use of the DSBGA package requires specialized board layout, precision mounting and careful re-flow
techniques, as detailed in Texas Instruments Application Note AN-1112 (SNVA009). Refer to the section Surface
Mount Assembly Considerations. For best results in assembly, local alignment fiducials on the PC board should
be used to facilitate placement of the device.
The pad style used with DSBGA package must be the NSMD (non-solder mask defined) type. This means that
the solder-mask opening is larger than the pad size. This prevents a lip that would otherwise form if the solder-
mask and pad overlap, which would hold the device off the surface of the board and interfere with mounting. See
Application Note AN-1112 (SNVA009) for specific instructions how to do this.
The 16-bump package used for LM3253 has 265 micron solder balls and requires 0.225 mml pads for mounting
the circuit board. The trace to each pad should enter the pad with a 90°entry angle to prevent debris from being
caught in deep corners. Initially, the trace to each pad should be 5.6 mil wide, for a section approximately 5 mil
long, as a thermal relief. Then each trace should neck up or down to its optimal width. An important criterion is
symmetry to insure the solder bumps on the LM3253 re-flow evenly and that the device solders level to the
board. In particular, special attention must be paid to the pads for bumps A1, A3, B1, and B3 since PGND and
PVIN are typically connected to large copper planes, inadequate thermal reliefs can result in inadequate re-flow
of these bumps.
The DSBGA package is optimized for the smallest possible size in applications with red-opaque or infrared-
opaque cases. Because the DSBGA package lacks the plastic encapsulation characteristic of larger devices, it is
vulnerable to light. Backside metallization and/or epoxy coating, along with front-side shading by the printed
circuit board, reduce this sensitivity. However, the package has exposed die edges that are sensitive to light in
the red and infrared range shining on the package’s exposed die edges.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3253


Similar Part No. - LM3253_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
More results

Similar Description - LM3253_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com