Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKC40-16 Datasheet(PDF) 1 Page - Lumberg

Part # RKC40-16
Description  Mini, 7/8 Field Attachable Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RKC40-16 Datasheet(HTML) 1 Page - Lumberg

  RKC40-16 Datasheet HTML 1Page - Lumberg RKC40-16 Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data sheet | 08/19/16
Technical Support:
1-717-217-2289
www.lumberg-automationusa.com
Mini, 7/8" Field Attachable Connectors
RSC 30-RSC 50 | RKC 30-RKC 50
Male, 3-, 4-, and 5-Pole
Field attachable connector, Mini, 7/8" male
connector 3-, 4-, and 5-pole with threaded
joint, assembling with screw terminals.
Female, 3-, 4-, and 5-Pole
Field attachable connector, Mini, 7/8" female
RSC 30-RSC 50
RKC 30-RKC 50
connector 3-, 4-, and 5-pole with threaded
joint, assembling with screw terminals.
Mini, 7/8" - Male / Female
3 poles
4 poles
5 poles
Pin Assignments


Similar Part No. - RKC40-16

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RKC4013.5 BELDEN-RKC4013.5 Datasheet
538Kb / 2P
7/8" Power Field Attachable Connector: Female, straight, 4-pin, black housing, 230 V AC/DC, 9 A
More results

Similar Description - RKC40-16

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
217KR9-NC032 ALPHAWIRE-217KR9-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
217KR11-NC032 ALPHAWIRE-217KR11-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
220LR11-NC032 ALPHAWIRE-220LR11-NC032 Datasheet
173Kb / 2P
Mini 7/8 Male 4 Pin Field Attachable
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
217 ALPHAWIRE-217 Datasheet
168Kb / 2P
Mini 7/8" Female 4 Pin Field Attachable
218 ALPHAWIRE-218 Datasheet
168Kb / 2P
Mini 7/8" Female 5 Pin Field Attachable
219 ALPHAWIRE-219 Datasheet
173Kb / 2P
Mini 7/8" Male 3 Pin Field Attachable
220 ALPHAWIRE-220 Datasheet
173Kb / 2P
Mini 7/8" Male 4 Pin Field Attachable
221 ALPHAWIRE-221 Datasheet
175Kb / 2P
Mini 7/8" Male 5 Pin Field Attachable
223 ALPHAWIRE-223 Datasheet
198Kb / 2P
Mini 7/8" Male Internal Threads 4 Pin Field Attachable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com