Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABR-42022 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ABR-42022
Description  ML4833 220V Non-Dimming Ballast Design
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ABR-42022 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ABR-42022 Datasheet HTML 1Page - Fairchild Semiconductor ABR-42022 Datasheet HTML 2Page - Fairchild Semiconductor ABR-42022 Datasheet HTML 3Page - Fairchild Semiconductor ABR-42022 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
August 1997
Application Brief 42022
ML4833 220V Non-Dimming Ballast Design
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
This Application Brief exists as a supplement to
Application Note 63. When used with Application Note
63, this document contains all the necessary information
to convert an ML4833 Evaluation Board into a low-cost,
non-dimming 220V ballast.
This power factor corrected, 60W non-dimming ballast
operates over a 187 to 253VRMS line, and is designed to
power two series connected F32T8 lamps. The design
preserves the features of the dimming ballast, which
include:
0.99 minimum power factor
Less than 10% THD
Programmable starting sequence for low glow
current and extended lamp life
Greater than 92% efficiency
On-chip thermal and lamp out detection circuitry
Power down threshold for GFI or end of lamp life
protection
The mode of operation used for preheating and striking of
the lamps is the widely accepted variable frequency, non-
overlapping inverter topology.
Specific details on power factor correction and resonant
lamp network design can be obtained from Application
Note 63.
CONVERSION
To convert the ML4833 Evaluation Board to the non-
dimming design described:
1.
Remove the dimmer control interface
subassembly.
2.
Remove components R2,R3, R16, C4, C5 and T5
(as shown in Figure 2). Ground LAMP FB.
3.
Replace R24 and C22 with jumpers and change
the values of R21 and R5 per Table 1.
4.
The new components (R26, R27, C27 and D14)
can be assembled using available wiring at T5.
Shaded items in Table 1 indicate changes to the original
ML4833 Evaluation Board parts list.
VENDOR LIST
All American
(800) 222-6001
Capsco
(800) 538-8587
Future Active Inc.
(800) 723-5817, (408) 434-9599
Digi-Key Corp.
(800) 344-4539
Premier Magnetics
(714) 362-4211
R&D Electronic Parts (800) 675-1177
PCB Engineering
(408) 946-2075
Interrupt
EMI
Filter
Bridge
Rectifier
PFC
Inverter
Lamp
Network
198 - 242
VAC
ML4833
REV. 1.0 10/25/2000


Similar Part No. - ABR-42022

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ABR-42018 FAIRCHILD-ABR-42018 Datasheet
60Kb / 2P
   Capacitor Selection for the ML6428-1 S-Video Filter
More results

Similar Description - ABR-42022

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
   Digitally Addressable DALI Dimming Ballast Reference Design
logo
International Rectifier
IR21592 IRF-IR21592_08 Datasheet
270Kb / 14P
   IR21592 Dimming Ballast Control IC Design Kit
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
   Digital Dimming DALI Ballast for 36W/T8 220V input
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
logo
International Rectifier
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
logo
Micro Linear Corporatio...
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
   Electronic Dimming Ballast Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com