Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABR-42022 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # ABR-42022
Description  ML4833 220V Non-Dimming Ballast Design
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ABR-42022 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ABR-42022 Datasheet HTML 1Page - Fairchild Semiconductor ABR-42022 Datasheet HTML 2Page - Fairchild Semiconductor ABR-42022 Datasheet HTML 3Page - Fairchild Semiconductor ABR-42022 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Application Brief 6
4
REV. 1.0 10/25/2000
TABLE 1. PARTS LIST (Continued)
QUANTITY
DESIGNATOR
DESCRIPTION
MANUFACTURER PART NUMBER
DIODES
5
D1 - D4, D8
1 A, 600 V, 1N4007 (or 1N5061)
Motorola
1N4007TR
2
D5, D6
1N4001, 1 A, 50 V (or more)
Motorola
1N4001TR
1
D7
BYV26C, 1 A, 600 V ultra fast
GI
BYV26C
4
D9, D11 - D13
1N4148, 0.1 A, 75 V, signal
Motorola
1N4148TR
1
D10
1N5245B, 15 V, .5 W, Zener
Motorola
1N5245B
1
D14
1N5818, 1.0 A, 30V Schottky
Motorola
1N5818
ICs
1
U1
ML4833 Elec. Ballast Controller
Micro Linear
ML4833CP
TRANSISTORS
3
Q1 - Q3
IRF820, 2.5A, 500V, power MOSFET
IR
IRF820
HARDWARE
3
TO-220 Heatsink
Thermalloy
7173D
FUSES
1
Ref. F1
1A fuse, 5x20mm miniature
Littelfuse
F945-ND
2
Ref. F1
Fuse Clips, 5x20mm, PC Mount
F058-ND
MAGNETICS
1
T1
Boost inductor, 8.0mH
Premier Magnetics
TDS-965
1
T2
Gate Drive Xfmr,
Lpri = 16mH (min)
Premier Magnetics
PMGD-04
1
T3
not used - install jumpers from pin 10 to pin 4, and from pin 5 to pin 6
1
T4
Inductor, LprI = 5.4mH
Premier Magnetics
TDS-892
1
T5
not used
INDUCTORS
2
L1, L2
EMI/RFI, 600mH,
DC resistance = 0.45
Ω.
Premium Magnetics
SPE116A
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
© 2000 Fairchild Semiconductor Corporation
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.


Similar Part No. - ABR-42022

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ABR-42018 FAIRCHILD-ABR-42018 Datasheet
60Kb / 2P
Capacitor Selection for the ML6428-1 S-Video Filter
More results

Similar Description - ABR-42022

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
Dimming Ballast Control IC Design Kit
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
Dimming Ballast Control IC Design Kit
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
Digitally Addressable DALI Dimming Ballast Reference Design
logo
International Rectifier
IR21592 IRF-IR21592_08 Datasheet
270Kb / 14P
IR21592 Dimming Ballast Control IC Design Kit
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
Digital Dimming DALI Ballast for 36W/T8 220V input
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
logo
International Rectifier
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
logo
Micro Linear Corporatio...
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
Electronic Dimming Ballast Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com