Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABR-42022 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ABR-42022
Description  ML4833 220V Non-Dimming Ballast Design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ABR-42022 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ABR-42022 Datasheet HTML 1Page - Fairchild Semiconductor ABR-42022 Datasheet HTML 2Page - Fairchild Semiconductor ABR-42022 Datasheet HTML 3Page - Fairchild Semiconductor ABR-42022 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Application Brief 6
REV. 1.0 10/25/2000
3
TABLE 1. PARTS LIST
QUANTITY
DESIGNATOR
DESCRIPTION
MANUFACTURER PART NUMBER
RESISTORS
1
R1
1.0
Ω, ½ W, 5%, metal film
NTE
HW1D0
R2
not used
R3
not used
1
R4
1.1M
Ω, ¼ W, 1%, metal film
Yageo
1.1M-Q
1
R5
24.9k
Ω, ¼ W, 1%, metal film
Yageo
24.9K-X
2
R6, R7, R26, R27
51k
Ω, ¼ W, 5%,carbon film
Yageo
51K-Q
1R8
22
Ω, ¼ W, 5%, carbon film
Yageo
22-Q
R9
not used
1
R10
17.4k
Ω, ¼ W, 1%, metal film
Yageo
17.4K-X
2
R11, R12
442k
Ω, ¼ W, 1%, metal film
Yageo
442K-X
1
R13
5.76k
Ω, ¼ W, 1%, metal film
Yageo
5.76K-X
1
R14
470
Ω, ¼ W, 5%, carbon film
Yageo
470-Q
1
R15
820k
Ω, ¼ W, 5%, carbon film
Yageo
820K-Q
R16
not used - insert jumper
3
R17, R18, R19
51
Ω, ¼ W, 5%, carbon film
Yageo
51-Q
1
R20
820
Ω, ¼ W, 5%, carbon film
Yageo
820K-Q
1
R21
300k
Ω, ¼ W, 5%, metal film
Yageo
300K-Q
1
R22
5k
Ω potentiometer
Bourns
3386P-502-ND
2
R23, R25
200k
Ω, ¼ W, 5%, carbon film
Yageo
200K-Q
R24
not used - insert jumper
11
J1 - J11
0.0
Ω Jumper
Yageo
0.0-Q
CAPACITORS
2
C1, C2
2.2nF, 250VAC, 10%, ‘Y’
Wima
MP3-Y
1
C3
0.15
µF, 300VAC, 10%, ‘X’,
Wima
MP3-X
C4, C5
not used
1
C6
1.5nF, 50V, 2.5%, NPO ceramic
AVX
RPE121COG152
1
C7
22nF, 100V, 5%, ceramic
Panasonic
ECU-S2A223JCB
1
C8
4700pF, 630V, 5%, polypropylene
Wima
MKP10
1
C9
15nF, 400V, 5%, polypropylene
Wima
MKP10
1
C10
47
µF, 450V, 20%, electrolytic
Panasonic
ECE-S2WU470J
1
C11
33nF, 63V, 10% ceramic
Panasonic
ECU-S1J333KBA
1
C12
680pF, 100V, 5%, ceramic
Panasonic
ECU-S2A681JCA
1
C13
6.8
µF, 35V, 20%, electrolytic
Panasonic
ECE-A16Z6R8
2
C14, C15
0.22
µF, 50V, 20%, ceramic
Murata
RPE123Z5U105M050
1
C16
100pF, 100V, 5%, ceramic
AVX
SR211A101JAA
1
C17
1.0
µF, 50V, 20%, electrolytic
Panasonic
ECE-A1HU010
C18
not used - insert jumper
1
C19
47
µF, 16V, 20%, electrolytic
Panasonic
ECE-A1CU470
1
C20
100
µF, 25V, 20%, electrolytic
Panasonic
ECE-A1EU101
1
C21
1.0
µF, 50V, 20%, electrolytic
Panasonic
ECE-A1HU010
1
C22
not used - insert jumper
1
C23
120pF, 1kV, 10%, ceramic
Panasonic
ECK-D3A121KBM
1
C24
47nF 63VDC, 10% ceramic
Panasonic
ECU-S1J473KBA
2
C25, C26
0.1
µF, 50V, 5%, polyester film
Panasonic
ECQ-V1H04JL
1
C27
0.22
µF, 250V, 5%, polyester film
Panasonic
ECQ-E2224KF


Similar Part No. - ABR-42022

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ABR-42018 FAIRCHILD-ABR-42018 Datasheet
60Kb / 2P
Capacitor Selection for the ML6428-1 S-Video Filter
More results

Similar Description - ABR-42022

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
Electronic Dimming Ballast Controller
logo
International Rectifier
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
Dimming Ballast Control IC Design Kit
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
Digitally Addressable DALI Dimming Ballast Reference Design
logo
International Rectifier
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
Digital Dimming DALI Ballast for 36W/T8 220V input
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
logo
International Rectifier
IR21592 IRF-IR21592_08 Datasheet
270Kb / 14P
IR21592 Dimming Ballast Control IC Design Kit
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
Dimming Ballast Control IC Design Kit
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com