Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400MXK390MEFCSN22X50 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 400MXK390MEFCSN22X50
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400MXK390MEFCSN22X50 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  400MXK390MEFCSN22X50 Datasheet HTML 1Page - RUBYCON CORPORATION 400MXK390MEFCSN22X50 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vdc
Cap(μF)
120
150
180
220
270
330
390
470
560
680
820
1000
1200
φD
φ22
φ25
φ30
φ35
400
φ22
φ25
φ30
φ35
420
22×25
22×30
22×30
22×35
22×35
22×40
22×45
22×50
22×55
22×60
1.03
1.19
1.26
1.37
1.44
1.56
1.77
1.97
2.11
2.20
30×25
30×25
30×30
30×30
30×35
30×40
30×45
30×50
30×55
30×60
1.37
1.39
1.56
1.65
1.89
2.12
2.35
2.53
2.66
2.91
25×25
25×25
25×30
25×30
25×35
25×40
25×45
25×55
25×60
1.15
1.20
1.32
1.43
1.65
1.85
2.07
2.32
2.56
22×25
22×25
22×30
22×30
22×35
22×40
22×45
22×50
22×55
22×60
0.95
1.02
1.10
1.20
1.38
1.57
1.72
1.85
2.00
2.19
35×25
35×30
35×30
35×35
35×40
35×45
35×50
35×55
35×60
1.48
1.69
1.75
2.00
2.21
2.48
2.70
2.85
2.99
30×25
30×30
30×30
30×35
30×35
30×40
30×40
30×45
30×45
30×50
30×55
30×60
1.36
1.59
1.61
1.82
1.85
2.04
2.07
2.27
2.29
2.50
2.68
2.79
25×25
25×30
25×35
25×35
25×40
25×40
25×45
25×50
25×55
25×60
1.16
1.35
1.55
1.61
1.76
1.80
1.96
2.18
2.32
2.43
35×25
35×25
35×30
35×30
35×35
35×40
35×45
35×50
35×55
35×60
1.45
1.45
1.66
1.72
1.97
2.22
2.45
2.64
2.76
3.03
30×25
30×25
30×30
30×30
30×35
30×40
30×45
30×50
30×55
30×60
1.29
1.34
1.49
1.58
1.80
2.02
2.24
2.41
2.54
2.77
25×25
25×25
25×30
25×30
25×35
25×40
25×45
25×45
25×50
25×55
25×60
1.08
1.14
1.24
1.34
1.54
1.72
1.85
1.91
2.04
2.21
2.41
35×25
35×30
35×30
35×35
35×35
35×40
35×40
35×45
35×45
35×50
35×55
35×60
1.42
1.68
1.69
1.92
1.92
2.15
2.16
2.38
2.36
2.59
2.78
2.90
Vdc
Cap(μF)
120
150
180
220
270
330
390
470
560
680
820
1000
φD
φ22
φ25
φ30
φ35
450
22×25
22×30
22×30
22×35
22×35
22×40
22×40
22×45
22×50
22×55
22×55
22×60
0.95
1.12
1.17
1.27
1.34
1.45
1.53
1.65
1.81
1.88
1.98
2.07
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
MXK
◆STANDARD SIZE
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)


Similar Part No. - 400MXK390MEFCSN22X50

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400MXK180MEFCSN25X25 RUBYCON-400MXK180MEFCSN25X25 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400MXK220MEFCSN22X35 RUBYCON-400MXK220MEFCSN22X35 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 400MXK390MEFCSN22X50

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com