Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400MXK390MEFCSN22X50 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 400MXK390MEFCSN22X50
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400MXK390MEFCSN22X50 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  400MXK390MEFCSN22X50 Datasheet HTML 1Page - RUBYCON CORPORATION 400MXK390MEFCSN22X50 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
MXK
SERIES
MXK
◆SPECIFICATIONS
◆PART NUMBER
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Items
Characteristics
400∼450Vdc
−25∼+105℃
±20%
(20℃,
120Hz)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
105℃ Ultra Miniaturized
Load Life : 105℃ 3000 hours.
□□□
Rated Voltage
MXK
Series
SN
Terminal Code
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
I=3 CV or 5mA whichever is smaller (After 5 minutes application of rated voltage)
After applying rated voltage with rated ripple current for 3000 hours at 105℃,
the capacitors shall meet the following requirements.
◆OPTION
EFC
Code
PET Sleeve without plate
I=Leakage Current(μA)
V=Rated Voltage(Vdc)
C=Capacitance(μF)
UPGRADE
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
4±0.5
L±2
SLEEVE
(PET)
VENT
SN[4mm]terminal type
Terminal code : SN(Tin plating)
0.2(20℃,
120Hz)
Rated Voltage
(Vdc)
Z
(−25℃)
/Z
(20℃)
400∼450
8
(120Hz)
Low Temperature Stability
Impedance Ratio(MAX)
Frequency
(Hz)
Coefficient
60(50) 120(100)
500
1k
10k≦
0.80
1.00
1.20
300
1.15
1.25
1.40
◆MULTIPLIER FOR RIPPLE CURRENT
RoHS
compliance


Similar Part No. - 400MXK390MEFCSN22X50

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400MXK180MEFCSN25X25 RUBYCON-400MXK180MEFCSN25X25 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400MXK220MEFCSN22X35 RUBYCON-400MXK220MEFCSN22X35 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 400MXK390MEFCSN22X50

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com