Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400HXG100MEFCSN22X25 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 400HXG100MEFCSN22X25
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400HXG100MEFCSN22X25 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  400HXG100MEFCSN22X25 Datasheet HTML 1Page - RUBYCON CORPORATION 400HXG100MEFCSN22X25 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vdc
Cap(μF)
68
82
100
120
150
180
220
270
330
390
470
560
680
20×25
20×25
20×30
20×35
20×40
20×45
0.94
1.01
1.18
1.35
1.56
1.76
35×25
35×30
35×35
35×40
35×45
35×50
2.12
2.33
2.52
2.85
3.18
3.47
22×25
22×25
22×30
22×35
22×40
22×45
22×50
1.07
1.15
1.34
1.55
1.76
1.99
2.24
25×25
25×25
25×30
25×35
25×40
25×50
1.31
1.43
1.65
1.90
2.16
2.55
30×25
30×30
30×30
30×35
30×40
30×50
1.68
1.88
2.01
2.31
2.59
3.04
◆STANDARD SIZE
φD
φ20
φ22
φ25
φ30
φ35
400
Vdc
Cap(μF)
68
82
100
120
150
180
220
270
330
390
470
560
20×25
20×30
20×35
20×40
20×45
20×50
0.92
1.07
1.23
1.40
1.60
1.79
35×25
35×30
35×30
35×35
35×45
35×50
1.74
2.04
2.16
2.45
2.92
3.23
22×25
22×30
22×30
22×35
22×40
22×50
1.05
1.22
1.31
1.52
1.72
2.03
25×25
25×25
25×30
25×35
25×40
25×45
1.20
1.29
1.51
1.73
1.97
2.22
30×25
30×25
30×30
30×35
30×40
30×45
30×50
1.49
1.59
1.85
2.12
2.41
2.68
2.98
φD
φ20
φ22
φ25
φ30
φ35
420
Vdc
Cap(μF)
56
68
82
100
120
150
180
220
270
330
390
470
560
20×25
20×25
20×30
20×35
20×40
20×50
0.85
0.92
1.07
1.23
1.40
1.66
35×25
35×30
35×35
35×40
35×45
35×50
1.74
2.04
2.33
2.61
2.92
3.23
22×25
22×25
22×30
22×35
22×40
22×45
0.97
1.05
1.22
1.39
1.60
1.80
25×25
25×25
25×30
25×35
25×40
25×50
1.20
1.29
1.51
1.73
1.97
2.32
30×25
30×30
30×30
30×35
30×45
30×50
1.49
1.72
1.85
2.12
2.53
2.80
φD
φ20
φ22
φ25
φ30
φ35
450
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
HXG


Similar Part No. - 400HXG100MEFCSN22X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400HXG120MEFCSN22X30 RUBYCON-400HXG120MEFCSN22X30 Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 400HXG100MEFCSN22X25

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com