Electronic Components Datasheet Search |
|
MB3800 Datasheet(PDF) 1 Page - First Components International |
|
|
MB3800 Datasheet(HTML) 1 Page - First Components International |
1 / 4 page TL431 Programmable Precision Reference MB3800 Switching Regulator Controller Preliminary he MB3800 is a single-channel switching regulator control IC for low voltage applications incorporating a soft start function and short circuit detection function. The device has a low minimum operating voltage of 1.8 V and is ideal for the power supply of battery-operated electronic equipment. • Wide supply voltage operating range: 1.8 to 15 V • Low current consumption: Typically 5.5 mA in operation, 1μA or less in stand-by • High speed operation is possible: Maximum 1 MHz DIP-8 • The error amplifier gain is set inside the IC, so peripheral components are minimized. • Incorporates a soft start circuit. • Incorporates a timer-latch type short circuit detection circuit . • Totem-pole type output with adjustable on/off current SOP-8 (for NPN transistors) • Incorporates a stand-by function. • Three types of packages (SOP-8 or SSOP-8) SSOP-8 Pin No Symbol I/O Description 1 -IN I Error amplifier inverting input pin 2 SCP - Soft start and SCP setting capacitor connection pin 3 VCC - Power Supply Pin 4 BR/CTL I Output current setting and control pin 5 OUT O Totem-pole type output pin 6 GND - GND Pin 7 OSC - Capacitor and resistor connection pin for setting the oscillation frequency 8 FB O Error amplifier output pin T FEATURES |
Similar Part No. - MB3800 |
|
Similar Description - MB3800 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |