Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3800 Datasheet(PDF) 4 Page - First Components International

Part # MB3800
Description  Wide supply voltage operating range: 1.8 to 15 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

MB3800 Datasheet(HTML) 4 Page - First Components International

  MB3800 Datasheet HTML 1Page - First Components International MB3800 Datasheet HTML 2Page - First Components International MB3800 Datasheet HTML 3Page - First Components International MB3800 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TL431 Programmable Precision Reference
MB3800 Switching Regulator Controller
Preliminary
Pin voltage
VBR
RB=390Ω
0.2
0.3
0.4
V
Input off
condition
IOFF
-20
-
0
μA
Input on
condition
ION
-
-
-45
μA
Output current
setting section/
Control section
Pin current
range
IBR
-
-1.8
-
-0.1
mA
Stand-by
current
ICCS
BR/CTL pin open or
VCC
-
-
1
μA
Entire device
Average supply
current
ICC
RB=390Ω
-
5.5
9.3
mA


Similar Part No. - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
Switching Regulator Controller (Low Voltage)
MB3800 FUJITSU-MB3800 Datasheet
287Kb / 20P
Switching Regulator Controller (Low Voltage)
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
Wide supply voltage operating range: 1.8 V to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
151Kb / 18P
Switching Regulator Controller (Low Voltage)
MB3800PF FUJITSU-MB3800PF Datasheet
287Kb / 20P
Switching Regulator Controller (Low Voltage)
More results

Similar Description - MB3800

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
Wide supply voltage range
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
Wide Operating Voltage Range of 2 V to 6 V
logo
Micropac Industries
65037 MICROPAC-65037 Datasheet
285Kb / 3P
Wide operating voltage range 18 to 32 V
65041 MICROPAC-65041 Datasheet
119Kb / 2P
Wide operating voltage range 18 to 32 V
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
Wide supply voltage range, from 2.4 to 5.5 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
Wide Supply-Voltage Range 3 V to 30 V
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
Wide operating supply range
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
Wide supply voltage operating range: 1.8 V to 15 V
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
Wide operating voltage range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com