Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3800 Datasheet(PDF) 3 Page - First Components International

Part # MB3800
Description  Wide supply voltage operating range: 1.8 to 15 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

MB3800 Datasheet(HTML) 3 Page - First Components International

  MB3800 Datasheet HTML 1Page - First Components International MB3800 Datasheet HTML 2Page - First Components International MB3800 Datasheet HTML 3Page - First Components International MB3800 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TL431 Programmable Precision Reference
MB3800 Switching Regulator Controller
Preliminary
ELECTRICAL CHARACTERISTICS
Value
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Reset Voltage
VR
-
-
0.9
Circuit to prevent
malfunction at low
input voltage
(U.V.L.O.)
Threshold
Voltage
VTH
-
1.1
1.3
1.5
V
Charging Current
ICS
VSCP=0V
-1.5
-1.0
-0.7
μA
Soft start
Voltage at soft
start completion
VtS
-
0.7
0.8
0.9
V
Charging current
ICPC
VSCP=0V
-1.5
-1.0
-0.7
μA
Short circuit
detection (S.C.R)
Threshold
Voltage
VtPC
-
0.7
0.8
0.9
V
Oscillation
frequency
fOSC
RT=3.0KΩCT=270pF
400
500
600
KHz
Frequency input
Stability
fdV
VCC=2V to 15V
-
2
10
%
Sawtooth wave
oscillator (OSC)
Frequency
variation with
temperature
fdT
Ta=-30℃~+85℃
-
5
-
%
Input Threshold
Voltage
VT
VFB=450mV
VT
Input stability
VTdV
VCC=2V ~15V
480
500
520
mV
VT variation with
temperature
VTdT
Ta=-30℃~+85℃
-
5
20
mV
Input bias current
IB
VIN=0V
-
1
-
%
Voltage Gain
AV
-
70
100
145
V/V
Frequency
bandwidth
BW
AV=0dB
-
6
-
MHz
VOM
+
0.78
0.87
-
V
Maximum output
voltage range
VOM
-
-
-
0.05
0.2
V
Output source
current
IOM
+
-
-40
-24
μA
Error amplifier
Output sink
current
IOM
-
VFB=0.45V
24
40
-
μA
Idle period
adjustment section
Maximum duty
cycle
tDUTY
RT=3.0KΩ
CT=270pF,VFB=0.8V
65
75
85
%
VOH1
RB
=390Ω,IO=-15mA
1.0
1.2
-
V
VOH2
RB
=750Ω,
VCC=-15mA,IO=-10mA
0.8
1.0
-
V
VOL1
RB
=390Ω,IO=15mA
-
0.1
0.2
V
Output voltage
VOL2
RB
=750Ω,
VCC=-15mA,IO=10mA
-
0.1
0.2
V
Output source
current
IO
+
RB
=390Ω,VO=0.9V
-
-30
-20
mA
Output sink
current
IO
-
RB
=390Ω,VO=0.3V
30
60
-
mA
Output section
Pull down
resistance
RO
-
20
30
40


Similar Part No. - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
Switching Regulator Controller (Low Voltage)
MB3800 FUJITSU-MB3800 Datasheet
287Kb / 20P
Switching Regulator Controller (Low Voltage)
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
Wide supply voltage operating range: 1.8 V to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
151Kb / 18P
Switching Regulator Controller (Low Voltage)
MB3800PF FUJITSU-MB3800PF Datasheet
287Kb / 20P
Switching Regulator Controller (Low Voltage)
More results

Similar Description - MB3800

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
Wide supply voltage range
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
Wide Operating Voltage Range of 2 V to 6 V
logo
Micropac Industries
65037 MICROPAC-65037 Datasheet
285Kb / 3P
Wide operating voltage range 18 to 32 V
65041 MICROPAC-65041 Datasheet
119Kb / 2P
Wide operating voltage range 18 to 32 V
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
Wide supply voltage range, from 2.4 to 5.5 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
Wide Supply-Voltage Range 3 V to 30 V
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
Wide operating supply range
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
Wide supply voltage operating range: 1.8 V to 15 V
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
Wide operating voltage range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com