Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3800 Datasheet(PDF) 2 Page - First Components International

Part # MB3800
Description  Wide supply voltage operating range: 1.8 to 15 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

MB3800 Datasheet(HTML) 2 Page - First Components International

  MB3800 Datasheet HTML 1Page - First Components International MB3800 Datasheet HTML 2Page - First Components International MB3800 Datasheet HTML 3Page - First Components International MB3800 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TL431 Programmable Precision Reference
MB3800 Switching Regulator Controller
Preliminary
ABSOLUTE MAXIMUM RATINGS
Rated Value
Parameter
Symbol
Condition
Min
Max
Unit
Power supply voltage
VCC
-
16
V
Output source current
IO
+
-
-50
mA
Output sink current
IO
-
-
-
50
mA
DIP-8, Ta≦+25℃
SOP-8,Ta≦+25℃
Allowable dissipation
PD
SSOP-8, Ta≦+25℃
-
-
-
570
430
580
mW
Operating temperature
TOP
-30
+85
Storage temperature
TSTG
-
-55
+125
* : When mounted on a 10 cm square double-sided epoxy board
WARNING: Semiconductor devices can be permanently damaged by application of stress
(voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not
exceed these ratings.
RECOMMENDED OPERATING CONDITIONS
Values
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltage
VCC
1.8
-
15
V
Error amplifier input voltage
VI
-0.2
-
1.0
V
BR/CTL pin input voltage
VBR
-0.2
-
VCC
V
Output Source Current
IO
+
-40
-
-
mA
Output sink current
IO
-
-
-
40
mA
SCP pin capacitance
CPE
-
0.1
-
μF
Phase compensation capacitance
CP
-
0.1
-
μF
Output current setting resistance
RB
150
390
5000
Ω
Timing resistance
RT
1.0
3.0
10.0
Timing capacitance
CT
100
270
10000
pF
Oscillation frequency
fOSC
10
500
1000
kHz
Operating temperature
TOP
-30
+25
+85
WARNING: Recommended operating conditions are normal operating ranges for the semiconductor
device. All the device's electrical characteristics are warranted when operated within
these ranges.
Always use semiconductor devices within the recommended operating conditions.
Operation outside these ranges may adversely affect reliability and could result in device
failure.


Similar Part No. - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800 FUJITSU-MB3800 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800PF FUJITSU-MB3800PF Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
More results

Similar Description - MB3800

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
logo
Micropac Industries
65037 MICROPAC-65037 Datasheet
285Kb / 3P
   Wide operating voltage range 18 to 32 V
65041 MICROPAC-65041 Datasheet
119Kb / 2P
   Wide operating voltage range 18 to 32 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
[Old version datasheet]   Wide Supply-Voltage Range 3 V to 30 V
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
   Wide supply voltage range, from 2.4 to 5.5 V
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com