Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR46084ECF-D3(3) Datasheet(PDF) 1 Page - Exar Corporation

Part # XR46084ECF-D3(3)
Description  Three Terminal Current Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR46084ECF-D3(3) Datasheet(HTML) 1 Page - Exar Corporation

  XR46084ECF-D3(3) Datasheet HTML 1Page - Exar Corporation XR46084ECF-D3(3) Datasheet HTML 2Page - Exar Corporation XR46084ECF-D3(3) Datasheet HTML 3Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Three Terminal Current Controller
XR
46084 Product Brief
1/2
FEATURES
System
All solid state components
No electrolytic capacitor required
Compact size to minimize mechanical
cost
Driver-on-board and chip-on-board
available which minimize process flow
and assembly cost
High PF and low THD performance
High efficiency achieved
Flexible PCB layout style
Wide range of LED forward voltage
selection
Distributed heat to several chips
TRIAC dimmable
Chip
88V input sustaining voltage
< 3V dropout voltage for up to 150mA
regulating current
APPLICATIONS
LED Lighting Applications
Downlight
High bay
Specialty
Architectural
Description
The XR46084 is a Three Terminal Current Controller (TTCC) for
regulating the current flowing through an LED string.
The application of the XR46084 is configured in parallel with an LED
string. The XR46084 can work as voltage controlled current source,
current regulator, or cut-off. It is suitable for the applications adopting
periodical AC voltage source.
The layout is very flexible allowing for PCB designs in any conceivable
shape. Whether high bay, downlights, or unique architectural shapes
the XR46084 can provide an excellent LED lighting solution.
Typical Application
+
120VAC
BD
R5
LEDS1
LEDS2
LEDS3
U1
XR46084-ADJ
U2
XR46084-ADJ
U3
XR46084-ADJ
ZD
Q1
XR46000
R4
ILED
U0
XR46084-ADJ
R3
R2
R1
R0
Figure 1. Typical Application
Figure 2. Typical Performance
ILED
Rectified
VAC
t
t


Similar Part No. - XR46084ECF-D3(3)

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR46083 EXAR-XR46083 Datasheet
110Kb / 2P
Three Terminal Current Controller
More results

Similar Description - XR46084ECF-D3(3)

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM134 STMICROELECTRONICS-LM134_03 Datasheet
1Mb / 11P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
logo
Cystech Electonics Corp...
LM78M05M3 CYSTEKEC-LM78M05M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
LM78M06M3 CYSTEKEC-LM78M06M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
LM78M08M3 CYSTEKEC-LM78M08M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
LM78M09M3 CYSTEKEC-LM78M09M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
LM78M12M3 CYSTEKEC-LM78M12M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
LM78M15M3 CYSTEKEC-LM78M15M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
LM78M18M3 CYSTEKEC-LM78M18M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
logo
Exar Corporation
XR46083 EXAR-XR46083 Datasheet
110Kb / 2P
Three Terminal Current Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com