Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR46084ESFTR-C3(3) Datasheet(PDF) 2 Page - Exar Corporation

Part # XR46084ESFTR-C3(3)
Description  Three Terminal Current Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR46084ESFTR-C3(3) Datasheet(HTML) 2 Page - Exar Corporation

  XR46084ESFTR-C3(3) Datasheet HTML 1Page - Exar Corporation XR46084ESFTR-C3(3) Datasheet HTML 2Page - Exar Corporation XR46084ESFTR-C3(3) Datasheet HTML 3Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.exar.com
XR
46084 Product Brief
Exar Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. Exar Corporation conveys
no license under any patent or other right and makes no representation that the circuits are free of patent infringement. While the information in this publication has been
carefully checked, no responsibility, however, is assumed for inaccuracies.
Exar Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected
to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Exar Corporation
receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of
Exar Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of Exar Corporation is prohibited. Exar, XR and the XR logo are registered trademarks of Exar Corporation.
All other trademarks are the property of their respective owners.
©2016 Exar Corporation
XR46084_PB_100316
2/2
48760 Kato Road
Fremont, CA 94538
USA
Tel.: +1 (510) 668-7000
Fax: +1 (510) 668-7001
Email: LEDtechsupport@exar.com
Ordering Information(1)
Part Number
Regulating Current (mA)
Operating
Temperature Range
Lead-Free
Package
Packag Method
XR46084EHTR-C1(3)
40
-40°C ≤ TJ ≤ 150°C
Yes(2))
TDFN6 2x2
Reel
XR46084EHTR-C2(3)
66
XR46084EHTR-C3(3)
52
XR46084EHTR-D1(3)
80
XR46084EHTR-D2(3)
130
XR46084EHTR-D3(3)
104
XR46084EHTR-ADJ
Determined by external
resistor only
XR46084ESFTR-C1(3)
40
-40°C ≤ TJ ≤ 150°C
Yes(2)
SOT-89-5
Reel
XR46084ESFTR-C2(3)
66
XR46084ESFTR-C3(3)
52
XR46084ESFTR-D1(3)
80
XR46084ESFTR-D2(3)
130
XR46084ESFTR-D3(3)
104
XR46084ESFTR-ADJ
Determined by external
resistor only
XR46084ECF-C1(3)
40
-40°C ≤ TJ ≤ 150°C
Yes(2)
Dice
Wafer
XR46084ECF-C2(3)
66
XR46084ECF-C3(3)
52
XR46084ECF-D1(3)
80
XR46084ECF-D2(3)
130
XR46084ECF-D3(3)
104
XR46084ECF-ADJ
Determined by
external resistor only
NOTE:
1. Refer to www.exar.com/XR46084 for most up-to-date Ordering Information.
2. Visit www.exar.com for more information.
3. Contact factory for availability.
Please contact LEDtechsupport@exar.com to request a complete datasheet.


Similar Part No. - XR46084ESFTR-C3(3)

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR46083 EXAR-XR46083 Datasheet
110Kb / 2P
Three Terminal Current Controller
More results

Similar Description - XR46084ESFTR-C3(3)

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM134 STMICROELECTRONICS-LM134_03 Datasheet
1Mb / 11P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
logo
Cystech Electonics Corp...
LM78M05M3 CYSTEKEC-LM78M05M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
LM78M06M3 CYSTEKEC-LM78M06M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
LM78M08M3 CYSTEKEC-LM78M08M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
LM78M09M3 CYSTEKEC-LM78M09M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
LM78M12M3 CYSTEKEC-LM78M12M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
LM78M15M3 CYSTEKEC-LM78M15M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
LM78M18M3 CYSTEKEC-LM78M18M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
logo
Exar Corporation
XR46083 EXAR-XR46083 Datasheet
110Kb / 2P
Three Terminal Current Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com