Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSE-141N-2667 Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # JSE-141N-2667
Description  Surge Absorbers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

JSE-141N-2667 Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  JSE-141N-2667 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD JSE-141N-2667 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD JSE-141N-2667 Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD JSE-141N-2667 Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD JSE-141N-2667 Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD JSE-141N-2667 Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Surge Absorbers
Size: Ø2.6x6.7mm
1000A
1 Application(应用):
·For instantaneous over-voltage protection to ADSL,ISDN,MODEM,FAX,TEL,Power Supplies,Alarm systems.
·For instantaneous over-voltage protection to RS485,RS232 port, CATV,video transceiver.
·For instantaneous over-voltage protection to ammeter,water meter auto admin system, etc
2 Features(特点)
·Small capacitance and excellent insulation resistance(100MΩ min).
·Small size,No polarity.No dark effect.
·Low electrode capacitance(1pF max).
·Quick response for electrostatic,surge voltage and low limiting voltage.
·Stable for repeated discharge test conditions.
·Working temperature: -25℃ ~ +65℃. Storage temperature: -25℃ ~ +85℃.
3 Electrical Characteristics (电气参数)
Part Number
DC Spark-Over Voltage
Vs(V)
Nominal value(Min-Max)
Insulation Resistance
Capacitance
of electrostatic
Surge current
capacity 8/20us
Surge Life
Test
Test voltage IR (MΩ)
1KHz-6V
JSE-141N-2667
140V
(98V-182V)
DC 50V
DC100V
>100MΩ
1pF
1000A
1500pF-0Ω
-10KV-200
times
JSE-181N-2667
180V
(126V-234V)
JSE-201M-2667
200V
(160V-240V)
JSE-251M-2667
250V
(200V-300V)
JSE-301M-2667
300V
(240V-360V)
JSE-401M-2667
400V
(320V-480V)
JSE-501M-2667
500V
(400V-600V)
DC250V
JSE-601M-2667
600V
(480V-720V)
JSE-102M-2667
1000V
(800V-1200V)
DC500V
JSE-122M-2667
1200V
(960V-1440V)
JSE-152M-2667
1500V
(1200V-1800V)
4 Dimension(Diameter 2.6mm , Length 6.7mm) 产品尺寸
1
HUAAN LIMITED
www.huaandz.com


Similar Part No. - JSE-141N-2667

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JSE-141N-2643 HUAXINAN-JSE-141N-2643 Datasheet
582Kb / 5P
Surge Absorbers
More results

Similar Description - JSE-141N-2667

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
SMB HUAXINAN-SMB Datasheet
193Kb / 2P
Surge Absorbers
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
Surge Absorbers
JSE-141N-2040 HUAXINAN-JSE-141N-2040 Datasheet
511Kb / 5P
Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
Surge Absorbers
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
surge absorbers
logo
HuaXinAn Electronics CO...
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
Surge Absorbers
GS41 HUAXINAN-GS41 Datasheet
166Kb / 2P
Surge Absorbers
GS37-141N HUAXINAN-GS37-141N_V01 Datasheet
318Kb / 6P
Surge Absorbers
GS41-141N HUAXINAN-GS41-141N_V01 Datasheet
339Kb / 6P
Surge Absorbers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com