Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSE-141N-2040 Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # JSE-141N-2040
Description  Surge Absorbers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

JSE-141N-2040 Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  JSE-141N-2040 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD JSE-141N-2040 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD JSE-141N-2040 Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD JSE-141N-2040 Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD JSE-141N-2040 Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surge Absorbers
5 Marking of colour code:
Model
Colour
JSE-141N-2040
Brown
JSE-181N-2040
Gray
JSE-201M-2040
Red
JSE-251M-2040
Red
JSE-301M-2040
orange
JSE-401M-2040
yellow
JSE-471M-2040
yellow
JSE-501M-2040
Green
JSE-601M-2040
Blue
JSE-102M-2040
Black
6 Part Number System(型号构成):
Example
JSE
301 M
— 2040
 
No
Symbols Explain
Series Name
JSE series
Nominal DC spark over
voltage
The symbol denoting nominal DC spark over voltage shall be expressed by three
numerals.The first and second numerals shall represent the significant figures of
nominal DC spark over voltage in volts(V),and the third numerals shall represent the
number of zeros ,following the significant figures. Example) 301——30×10¹=300
Tolerances of DC Spark over
Voltage
Tolerances: L — ±15% ; M — ±20% ;N — ±30% ;
Glass Tube Size
Dimension :Diameter: φ2.0mm , Length: 4.0mm)
2
HUAAN LIMITED
www.huaandz.com


Similar Part No. - JSE-141N-2040

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JSE-141N-2643 HUAXINAN-JSE-141N-2643 Datasheet
582Kb / 5P
Surge Absorbers
JSE-141N-2667 HUAXINAN-JSE-141N-2667 Datasheet
503Kb / 6P
Surge Absorbers
More results

Similar Description - JSE-141N-2040

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
SMB HUAXINAN-SMB Datasheet
193Kb / 2P
Surge Absorbers
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
Surge Absorbers
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
surge absorbers
logo
HuaXinAn Electronics CO...
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
Surge Absorbers
GS41 HUAXINAN-GS41 Datasheet
166Kb / 2P
Surge Absorbers
GS37-141N HUAXINAN-GS37-141N_V01 Datasheet
318Kb / 6P
Surge Absorbers
GS41-141N HUAXINAN-GS41-141N_V01 Datasheet
339Kb / 6P
Surge Absorbers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com