Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3221 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPA3221
Description  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPA3221 Datasheet HTML 19Page - Texas Instruments TPA3221 Datasheet HTML 20Page - Texas Instruments TPA3221 Datasheet HTML 21Page - Texas Instruments TPA3221 Datasheet HTML 22Page - Texas Instruments TPA3221 Datasheet HTML 23Page - Texas Instruments TPA3221 Datasheet HTML 24Page - Texas Instruments TPA3221 Datasheet HTML 25Page - Texas Instruments TPA3221 Datasheet HTML 26Page - Texas Instruments TPA3221 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
HS PWM
PWM_X
LS PWM
OC EVENT RESETS
CB3C LATCH
OUTPUT CURRENT
OC THRESHOLD
OCH
HS GATE-DRIVE
LS GATE-DRIVE
RISING EDGE PWM
SETS CB3C LATCH
23
TPA3221
www.ti.com
SLASEE9 – JUNE 2017
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 18. CB3C Timing Example
9.4.5.2 Signal Clipping and Pulse Injector
A built in activity detector monitors the PWM activity of the OUT_X pins. TPA3221 is designed to drive
unclipped output signals all the way to PVDD and GND rails. In case of audio signal clipping when applying
excessive input signal voltage, or in case of CB3C current protection being active, the amplifier feedback
loop of the audio channel will respond to this condition with a saturated state, and the output PWM signals
will stop unless special circuitry is implemented to handle this situation. To prevent the output PWM signals
from stopping in a clipping or CB3C situation, narrow pulses are injejcted to the gate drive to maintain output
activity. The injected narrow pulses are injected at every 4th PWM frame, and thus the effective switching
frequency during this state is reduced to 1/4 of the normal switching frequency.
Signal clipping is signalled on the OTW_CLIP pin and is self clearing when signal level reduces and the
device reverts to normal operation. The OTW_CLIP pulses starts at the onset to output clipping, typically at a
THD level around 0.01%, resulting in narrow OTW_CLIP pulses starting with a pulse width of ~500ns.
Figure 19. Signal Clipping PWM and Speaker Output Signals
9.4.5.3 DC Speaker Protection
The output DC protection scheme protects a speaker from excess DC current in case one terminal of the
speaker is connected to the amplifier while the other is accidentally shorted to the chassis ground. Such a short
circuit results in a DC voltage of PVDD/2 across the speaker, which potentially can result in destructive current
levels. The output DC protection detects any unbalance of the output and input current of a BTL output (current
into/out of one halfbridge equals current out of/into the other halfbridge), and in the event of the unbalance
exceeding a programmed threshold, the overload counter increments until its maximum value and the affected
output channel is shut down. DC Speaker Protection is disabled in PBTL mode operation.


Similar Part No. - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com