Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3221 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPA3221
Description  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPA3221 Datasheet HTML 13Page - Texas Instruments TPA3221 Datasheet HTML 14Page - Texas Instruments TPA3221 Datasheet HTML 15Page - Texas Instruments TPA3221 Datasheet HTML 16Page - Texas Instruments TPA3221 Datasheet HTML 17Page - Texas Instruments TPA3221 Datasheet HTML 18Page - Texas Instruments TPA3221 Datasheet HTML 19Page - Texas Instruments TPA3221 Datasheet HTML 20Page - Texas Instruments TPA3221 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
OUTP
OUTN
OUTP Current
OUTN Current
0V
0V
>0A
<0A
OUTP
OUTN
OUTP Current
OUTN Current
0V
0V
0A
0A
TPA3221
11
21
AVDD
1SPW
TPA3221
11
21
AVDD
1SPW
TPA3221
SLAVE2
12
OSCM
OSCP
13
TPA3221
SLAVE1
12
OSCM
OSCP
13
TPA3221
MASTER
12
OSCM
OSCP
13
TPA3221
SLAVE2
12
OSCM
OSCP
13
TPA3221
SLAVE1
12
OSCM
OSCP
13
TPA3221
SLAVE1
12
OSCM
OSCP
13
TPA3221
SLAVE2
12
OSCM
OSCP
13
RESET
RESET
RESET
RESET
RESET
RESET
RESET
10
10
10
10
10
10
10
17
TPA3221
www.ti.com
SLASEE9 – JUNE 2017
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 7. Gain and Master PCB Implementation
Placement on the PCB and connection of multiple TPA3221 devices in a multi channel system is illustrated in .
Slave devices should be placed on either side of the master device, with a Slave1 device on one side of the
Master device, and a Slave2 device on the other. In systems with more than 3 TPA3221 devices, the mastyer
should be in the middle, and every second slave devices should be a Slave1 or Slave 2 as illustrated in .
9.3.3 AD-Mode and 1SPW-Mode PWM Modulation
TPA3221has the option of using either AD-Mode or 1SPW-Mode PWM modulation scheme. AD mode has
continuous switching of the two half bridge outputs in each BTL output channel. Both half bridge outputs are
switching in 1SPW mode, but with reduced duty cycle for idle operation an while playing small signals. With
higher output levels one half bridge stops switching on 1SPW mode operation. 1SPW benefits both devide power
loss and EMI performance, where AD mode is concidered to have the highest audio performance.
Figure 8. AD-Mode Configuration
Figure 9. 1SPW-Mode Configuration
Figure 10. AD Mode Output Waveforms, Idle and High (Dashed) Level Output


Similar Part No. - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com