Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3221 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3221
Description  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPA3221 Datasheet HTML 12Page - Texas Instruments TPA3221 Datasheet HTML 13Page - Texas Instruments TPA3221 Datasheet HTML 14Page - Texas Instruments TPA3221 Datasheet HTML 15Page - Texas Instruments TPA3221 Datasheet HTML 16Page - Texas Instruments TPA3221 Datasheet HTML 17Page - Texas Instruments TPA3221 Datasheet HTML 18Page - Texas Instruments TPA3221 Datasheet HTML 19Page - Texas Instruments TPA3221 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
1
2
3
4
5
6
GAIN/SLV
/FAULT
/OTW_CLIP
GND
GND
VDD
GND
R1
R2
AVDD
TPA3221
8
21
22
IN2_M
IN1
IN2_P
IN1_P
IN1_M
9
+
-
+
-
IN2
16
TPA3221
SLASEE9 – JUNE 2017
www.ti.com
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
In systems with single ended audio inputs the device gain will typically need to be set higher than for systems
with balanced audio input signals.
Figure 5. Single Ended Audio Input Configuration
9.3.2 Gain Setting And Master / Slave Operation
The gain of TPA3221 is set by the voltage divider connected to the GAIN/SLV control pin. Master or Slave mode
is also controlled by the same pin. An internal ADC is used to detect the 8 input states. The first four stages sets
the GAIN in Master mode in gains of 18, 24, 30, 34 dB respectively, while the next four stages sets the GAIN in
Slave mode in gains of 18, 24, 30, 34 dB respectively. The gain setting is latched during power-up and cannot be
changed while device is powered. Table 2 shows the recommended resistor values, the state and gain:
Table 2. Gain and Master / Slave
Master / Slave
mode
Gain
R1 (to GND)
R2 (to AVDD)
Differential input
signal level
(each input pin)
Single Ended input signal level
Master
18 dB
5.6 kΩ
OPEN
2 VRMS
Not reccommended
Master
24 dB
20 kΩ
100 kΩ
1 VRMS
2 VRMS
Master
30 dB
39 kΩ
100 kΩ
0.5 VRMS
1 VRMS
Master
34 dB
47 kΩ
75 kΩ
0.32 VRMS
0.63 VRMS
Slave
18 dB
51 kΩ
51 kΩ
2 VRMS
Not reccommended
Slave
24 dB
75 kΩ
47 kΩ
1 VRMS
2 VRMS
Slave
30 dB
100 kΩ
39 kΩ
0.5 VRMS
1 VRMS
Slave
34 dB
100 kΩ
16 kΩ
0.32 VRMS
0.63 VRMS
Figure 6. Gain and Master / Slave Setup
For easy multi-channel system design TPA3221 has a Master / Slave feature that allows automatic
synchronization of a number of slave devices to be operated at the PWM switching frequency of a master device.
This benefits system noise performance by elliminating spurious cross talk sum and difference tones due to un-
synchronized channel to channel switching frequencies. Furthermore the Master / Slave scheme is designed to
interleave switching of the individual channels in a multi-channel system such that the efficient power supply
current's ripple frequency efficiently is moved to a higher frequency which reduces the RMS ripple current in the
power supply bulk capacitors. The master / Slave scheme and the interleaving of the output stages' switching is
automatically setup by connecting the OSCM of the Master device to the OSCM to a Slave1 device and to OSCP
on a Slave2 device and OSCP on the Master device to the OSCP on a Slave1 device and to OSCM on a Slave2
device. All switching channels are automatically synchronized by releasing /RESET on all devices at the same
time.


Similar Part No. - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com