Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3221 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3221
Description  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPA3221 Datasheet HTML 11Page - Texas Instruments TPA3221 Datasheet HTML 12Page - Texas Instruments TPA3221 Datasheet HTML 13Page - Texas Instruments TPA3221 Datasheet HTML 14Page - Texas Instruments TPA3221 Datasheet HTML 15Page - Texas Instruments TPA3221 Datasheet HTML 16Page - Texas Instruments TPA3221 Datasheet HTML 17Page - Texas Instruments TPA3221 Datasheet HTML 18Page - Texas Instruments TPA3221 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
TPA3221
8
21
22
IN2_M
IN1_P
IN2_P
IN1_P
IN1_M
9
+
-
+
-
IN1_M
IN2_P
IN2_M
TPA3221
1
21
22
AVDD
GND
VDD
GVDD
100nF
470uF
1µF
1µF
+5V
3R3
5V LDO
TPA3221
1
21
22
GND
GVDD
100nF
470uF
1µF
1µF
3R3
+7V”PVDD
AVDD
GND
VDD
5V LDO
15
TPA3221
www.ti.com
SLASEE9 – JUNE 2017
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Internal LDO
TPA3221 has a built in an optional LDO (Low DropOut voltage regulator) to supply the analog and digital circuits
as well as the gate drive for the output stages. The LDO can be used in systems where only the high voltage
power rail is available, hence no additional power supply rails need to be generated for the TPA3221 to operate.
As being a linear regulator, the LDO will add to the power losses of the device due to the (PVDD-5V) voltage
drop accross and the supply current for AVDD and GVDD given in the Electrical Characteristics table.
Figure 2. Internal LDO for Single Supply Systems
When using the internal LDO in TPA3221 the VDD terminal should be connected to a voltage source between
7V and PVDD. In a single supply system the VDD terminal should be connected directly to the PVDD terminal.
The LDO output is connected to the AVDD terminal, and can be used to supply the gate drive by supplying the
GVDD from AVDD through a RC filter for best noise performance as shown in .
Figure 3. Internal LDO Bypass for Highest Power Efficiency
For highest system power efficiency the LDO can be bypassed by connecting VDD to an external 5 V supply. In
this configuration AVDD and GVDD should be supplied by 5 V from the external power supply. GVDD should be
supplied through a RC filter for best noise performance as shown in .
9.3.1.1 Input Configuration, Gain Setting And Master / Slave Operation
TPA3221 is designed to accept either a differential or a single-ended audio input signal. To accept a wide range
of system front ends TPA3221 has selectable input gain that allows full scale output with a wide range of input
signal levels.
Best system noise performance is obtained with balanced audio interface. However, to be used in systems with
only a single ended audioinput signal available, one input terminal can be connected to AC ground, to accept
single ended audio input signals.
Figure 4. Balanced Audio Input Configuration


Similar Part No. - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com