Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3221 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3221
Description  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3221 Datasheet HTML 9Page - Texas Instruments TPA3221 Datasheet HTML 10Page - Texas Instruments TPA3221 Datasheet HTML 11Page - Texas Instruments TPA3221 Datasheet HTML 12Page - Texas Instruments TPA3221 Datasheet HTML 13Page - Texas Instruments TPA3221 Datasheet HTML 14Page - Texas Instruments TPA3221 Datasheet HTML 15Page - Texas Instruments TPA3221 Datasheet HTML 16Page - Texas Instruments TPA3221 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Copyright © 2016, Texas Instruments Incorporated
GVDD
IN1_P
GVDD
OUT1_M
PVDD
BST1_M
GATE-DRIVE
TIMING
CONTROL
CONTROL
PWM
RECEIVER
+
-
ANALOG
LOOP
FILTER
OUT_1_P
GND
PVDD
BST1_P
GATE-DRIVE
IN1_M
+
-
GVDD
IN2_P
OUT2_M
PVDD
BST2_M
GATE-DRIVE
TIMING
CONTROL
CONTROL
PWM
RECEIVER
+
-
ANALOG
LOOP
FILTER
OUT2_P
GND
PVDD
BST2_P
GATE-DRIVE
IN2_M
+
-
OSCILLATOR
STARTUP
CONTROL
POWER-UP
RESET
VDD
REGULATOR
(Auto Bypass)
AVDD
GVDD
STARTUP & CONTROL
I/O LOGIC
ERROR
HANDLING
OUTPUT DC
CONTROL
1SPW
CLIP_OTW
FAULT
FREQ_ADJ
GAIN/SLV
OSCN
OSCP
RESET
AVDD
VDD
PROTECTION
CB3C
CURRENT
SENSE
DIFFOC
OVER-LOAD
PROTECTION
PPSC
TEMP
SENSE
IOUT1_M
IOUT1_P
IOUT2_M
IOUT2_P
UVP
OVP
PVDD
PVDD
AVDD
PWM ACTIVITY
DETECTOR
PVDD
OUT_X
CHANNEL 2
CHANNEL 1
GVDD
GVDD
CMUTE
13
TPA3221
www.ti.com
SLASEE9 – JUNE 2017
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.2 Functional Block Diagrams


Similar Part No. - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3221

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com