Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3221 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3221
Description  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA3221 Datasheet HTML 8Page - Texas Instruments TPA3221 Datasheet HTML 9Page - Texas Instruments TPA3221 Datasheet HTML 10Page - Texas Instruments TPA3221 Datasheet HTML 11Page - Texas Instruments TPA3221 Datasheet HTML 12Page - Texas Instruments TPA3221 Datasheet HTML 13Page - Texas Instruments TPA3221 Datasheet HTML 14Page - Texas Instruments TPA3221 Datasheet HTML 15Page - Texas Instruments TPA3221 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
12
TPA3221
SLASEE9 – JUNE 2017
www.ti.com
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Overview (continued)
If using external power supply for the AVDD and VDD internal regulators, this supply should be from a low-noise,
low-output-impedance voltage regulator. Likewise, the 30 V power stage supply is assumed to have low output
impedance throughout the entire audio band, and low noise. The power supply sequence is not critical as
facilitated by the internal power-on-reset circuit, but it is recommended to release RESET after the power supply
is settled for minimum turn on audible artefacts. Moreover, the TPA3221 is fully protected against erroneous
power-stage turn on due to parasitic gate charging. Thus, voltage-supply ramp rates (dV/dt) are noncritical within
the specified range (see the Recommended Operating Conditions table of this data sheet).


Similar Part No. - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com