Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3221 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3221
Description  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3221 Datasheet HTML 6Page - Texas Instruments TPA3221 Datasheet HTML 7Page - Texas Instruments TPA3221 Datasheet HTML 8Page - Texas Instruments TPA3221 Datasheet HTML 9Page - Texas Instruments TPA3221 Datasheet HTML 10Page - Texas Instruments TPA3221 Datasheet HTML 11Page - Texas Instruments TPA3221 Datasheet HTML 12Page - Texas Instruments TPA3221 Datasheet HTML 13Page - Texas Instruments TPA3221 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
TPA3221
SLASEE9 – JUNE 2017
www.ti.com
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
SNR is calculated relative to 1% THD+N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
7.7 Audio Characteristics (PBTL)
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1 kHz, PVDD_X = 30 V,
VDD = 5 V, GVDD = 5 V, RL = 2 Ω, fS = 400 kHz, TC = 75°C, Output Filter: LDEM = 10 μH, CDEM = 1 µF, AD-Modulation,
AES17 + AUX-0025 measurement filters, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
PO
Power output per channel
RL = 2 Ω, 10% THD+N
230
W
RL = 3 Ω, 10% THD+N
160
RL = 4 Ω, 10% THD+N
125
RL = 2 Ω, 1% THD+N
185
RL = 3 Ω, 1% THD+N
130
RL = 4 Ω, 1% THD+N
100
THD+N
Total harmonic distortion + noise
1 W
0.03%
Vn
Output integrated noise
A-weighted, AES17 filter, Input Capacitor
Grounded, Gain = 18 dB
75
μV
|VOS|
Output offset voltage
Inputs AC coupled to GND
20
60
mV
SNR
Signal to noise ratio(1)
A-weighted, Gain = 18 dB
108
dB
DNR
Dynamic range
A-weighted, Gain = 18 dB
108
dB
Pidle
Power dissipation due to idle losses (IPVDD_X)
PO = 0, 4 channels switching
(2)
0.45
W


Similar Part No. - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com