Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3221 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3221
Description  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPA3221 Datasheet HTML 25Page - Texas Instruments TPA3221 Datasheet HTML 26Page - Texas Instruments TPA3221 Datasheet HTML 27Page - Texas Instruments TPA3221 Datasheet HTML 28Page - Texas Instruments TPA3221 Datasheet HTML 29Page - Texas Instruments TPA3221 Datasheet HTML 30Page - Texas Instruments TPA3221 Datasheet HTML 31Page - Texas Instruments TPA3221 Datasheet HTML 32Page - Texas Instruments TPA3221 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
PVDD
GND
TPA3221
PVDD_CD
GND
BST1_P
PVDD_AB
GND
OUT1_M
BST1_M
GND
OUT2_P
PVDD_CD
OUT1_P
PVDD_AB
GND
BST2_P
BST2_M
OUT2_M
GND
GND
OUT2_M
OUT1_P
PVDD_AB
PVDD_CD
44
43
42
41
31
27
28
29
30
32
33
34
35
36
40
39
38
37
25
26
23
24
1µF
1µF
1µF
1µF
470uF
470uF
10µH
10µH
33nF
33nF
10µH
10µH
33nF
33nF
1µF
1µF
1nF
10nF
3R3
10nF
1nF
3R3
Copyright © 2016, Texas Instruments Incorporated
13
14
15
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
19
20
21
22
GND
GAIN/SLV
FAULT
OTW_CLIP
AVDD
GND
CMUTE
IN2_M
OSCP
OSCM
GND
GND
IN2_P
GND
VDD
GVDD
GND
1SPW
FREQ_ADJ
IN1_P
IN1_M
RESET
100nF
470uF
5.6k
FAULT
CLIP_OTW
1µF
1µF
+5V
CMUTE
IN1_P
IN1_M
RESET
10k
10µF
10µF
3R3
+5V
100nF
29
TPA3221
www.ti.com
SLASEE9 – JUNE 2017
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10.2.3 Typical Application, Differential (2N), AD-Mode PBTL (Outputs Paralleled after LC filter)
TPA3221 can be configured in mono PBTL mode by paralleling the outputs before the LC filter (see Typical
Application, Differential (2N), AD-Mode PBTL (Outputs Paralleled before LC filter)) or after the LC filter.
Paralleled outputs after the LC filter may be preferred if: a single board design must support both PBTL and BTL,
or in the case multiple, smaller paralleled inductors are preferred due to size or cost. Paralleling after the LC filter
requires four inductors, one for each OUT_x. This section shows an example of paralleled outputs after the LC
filter.
Figure 22. Typical Differential (2N) AD-Mode PBTL Application
10.2.3.1 Design Requirements
Refer to Stereo BTL Application for the Design Requirements.
Table 9. Design Requirements, PBTL Application
DESIGN PARAMETER
EXAMPLE
Low Power Supply
5 V
High Power Supply
7 - 30 V
Analog Inputs
IN1_M = ±3.9V (peak, max)
IN1_P = ±3.9V (peak, max)
IN2_M = Grounded
IN2_P = Grounded
Output Filters
Inductor-Capacitor Low Pass FIlter (10 µH + 1 µF)
Speaker Impedance
2 - 4 Ω


Similar Part No. - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com