Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3221 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3221
Description  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPA3221 Datasheet HTML 20Page - Texas Instruments TPA3221 Datasheet HTML 21Page - Texas Instruments TPA3221 Datasheet HTML 22Page - Texas Instruments TPA3221 Datasheet HTML 23Page - Texas Instruments TPA3221 Datasheet HTML 24Page - Texas Instruments TPA3221 Datasheet HTML 25Page - Texas Instruments TPA3221 Datasheet HTML 26Page - Texas Instruments TPA3221 Datasheet HTML 27Page - Texas Instruments TPA3221 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24
TPA3221
SLASEE9 – JUNE 2017
www.ti.com
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.4.5.4 Pin-to-Pin Short Circuit Protection (PPSC)
The PPSC detection system protects the device from permanent damage in the case that a power output pin
(OUT_X) is shorted to GND_X or PVDD_X. For comparison, the OC protection system detects an overcurrent
after the demodulation filter where PPSC detects shorts directly at the pin before the filter. PPSC detection is
performed at startup i.e. when VDD is supplied, consequently a short to either GND_X or PVDD_X after system
startup does not activate the PPSC detection system. When PPSC detection is activated by a short on the
output, all half bridges are kept in a Hi-Z state until the short is removed; the device then continues the startup
sequence and starts switching. The detection is controlled globally by a two step sequence. The first step
ensures that there are no shorts from OUT_X to GND_X, the second step tests that there are no shorts from
OUT_X to PVDD_X. The total duration of this process is roughly proportional to the capacitance of the output LC
filter. The typical duration is < 15 ms/μF. While the PPSC detection is in progress, FAULT is kept low, and the
device will not react to changes applied to the RESET pin. If no shorts are present the PPSC detection passes,
and FAULT is released. A device reset will not start a new PPSC detection. PPSC detection is enabled in both
BTL and PBTL output configurations. To make sure not to trip the PPSC detection system it is recommended not
to insert a resistive load to GND_X or PVDD_X.
9.4.5.5 Overtemperature Protection OTW and OTE
TPA3221 has a two-level temperature-protection system that asserts an active-low warning signal (OTW_CLIP)
when the device junction temperature exceeds 125°C (typical) and, if the device junction temperature exceeds
155°C (typical), the device is put into thermal shutdown, resulting in all half-bridge outputs being set in the high-
impedance (Hi-Z) state and FAULT being asserted low. OTE is latched in this case. To clear the OTE latch,
RESET must be asserted. Thereafter, the device resumes normal operation.
9.4.5.6 Undervoltage Protection (UVP) and Power-on Reset (POR)
The UVP and POR circuits of the TPA3221 fully protect the device in any power-up/down and brownout situation.
While powering up, the POR circuit ensures that all circuits are fully operational when the AVDD supply voltage
reach the value stated in the Electrical Characteristics table. Although AVDD is independently monitored, a
supply voltage drop below the UVP threshold on AVDD pin results in all half-bridge outputs immediately being
set in the high-impedance (Hi-Z) state and FAULT being asserted low. The device automatically resumes
operation when all supply voltages have increased above their UVP threshold.


Similar Part No. - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3221

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com