Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3221 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3221
Description  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA3221 Datasheet HTML 17Page - Texas Instruments TPA3221 Datasheet HTML 18Page - Texas Instruments TPA3221 Datasheet HTML 19Page - Texas Instruments TPA3221 Datasheet HTML 20Page - Texas Instruments TPA3221 Datasheet HTML 21Page - Texas Instruments TPA3221 Datasheet HTML 22Page - Texas Instruments TPA3221 Datasheet HTML 23Page - Texas Instruments TPA3221 Datasheet HTML 24Page - Texas Instruments TPA3221 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
PVDD
RESET
GVDD
FAULT
AVDD
VIN_X
OUT_X
VOUT_X
tPrecharge
C 200ms
tStartup ramp
VDD
V_CMUTE
21
TPA3221
www.ti.com
SLASEE9 – JUNE 2017
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 17. Startup Timing
When RESET is released to turn on TPA3221, FAULT signal will turn low and AVDD voltage regulator will be
enabled. FAULT will stay low until AVDD reaches the undervoltage protection (UVP) voltage threshold (see the
Electrical Characteristics table of this data sheet). After a precharge time to stabilize the DC voltage across the
input AC coupling capacitors, the ramp up sequence starts and comopletes once the CMUTE node is charged to
its final value.
9.4.1.1 Startup Ramp Time
During the startup ramp the CMUTE capacitor is charged by an internal current generator. With use of the
recomemnded 100 nF CMUTE capacitor value, the startup ramp time is approximately 40 ms. Higher CMUTE
capacitor value will increase the ramp time, and a lower value will decrease the ramp time. The recomemnded
CMUTE capacitor value is selected for minimum audible artifacts during startup and shutdown ramp.
9.4.2 Powering Down
The TPA3221 does not require a power-down sequence. The device remains fully operational as long as the
VDD, AVDD and PVDD voltages are above their undervoltage protection (UVP) voltage thresholds (see the
Electrical Characteristics table of this data sheet). Although not specifically required, it is a good practice to hold
RESET low during power down, thus preventing audible artifacts including pops or clicks by initiating a controlled
ramp down sequence of the output voltage. The ramp down sequence will complete once the CMUTE node is
discharged.
9.4.2.1 Power Down Ramp Time
During the power down ramp the CMUTE capacitor is discharged by internal circuitry. With use of the
recomemnded 100 nF CMUTE capacitor value, the startup ramp time is approximately 40 ms.


Similar Part No. - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com