Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23630AFDDA Datasheet(PDF) 16 Page - Texas Instruments

Part # LMR23630AFDDA
Description  SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630AFDDA Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMR23630AFDDA Datasheet HTML 12Page - Texas Instruments LMR23630AFDDA Datasheet HTML 13Page - Texas Instruments LMR23630AFDDA Datasheet HTML 14Page - Texas Instruments LMR23630AFDDA Datasheet HTML 15Page - Texas Instruments LMR23630AFDDA Datasheet HTML 16Page - Texas Instruments LMR23630AFDDA Datasheet HTML 17Page - Texas Instruments LMR23630AFDDA Datasheet HTML 18Page - Texas Instruments LMR23630AFDDA Datasheet HTML 19Page - Texas Instruments LMR23630AFDDA Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
VREF
PGOOD
107%
106%
93%
94%
High
Low
VIN (V)
4.6
4.8
5
5.2
5.4
5.6
5.8
6
6.2
6.4
0
50
100
150
200
250
300
350
400
450
D013
IOUT = 0.5 A
IOUT = 1.0 A
IOUT = 2.0 A
IOUT = 3.0 A
16
LMR23630
SNVSAH2C – DECEMBER 2015 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Figure 20. Frequency Foldback at Dropout (VOUT = 5 V, fSW = 400 kHz)
8.3.7 Power Good (PGOOD)
The power-good version of LMR23630 has a built in power-good flag shown on PGOOD pin to indicate whether
the output voltage is within its regulation level. The PGOOD signal can be used for start-up sequencing of
multiple rails or fault protection. The PGOOD pin is an open-drain output that requires a pullup resistor to an
appropriate DC voltage. Voltage detected by the PGOOD pin must never exceed 15 V, and limit the maximum
current into this pin to 1 mA. A typical range of pullup resistor value is 10 k
Ω to 100 kΩ.
When the FB voltage is within the power-good band, +6% above and –6% below the internal reference voltage
VREF typically, the PGOOD switch is turned off, and the PGOOD voltage is as high as the pulled-up voltage.
When the FB voltage is outside of the tolerance band, +7% above or –7% below VREF typically, the PGOOD
switch is turned on, and the PGOOD pin voltage is pulled low to indicate power bad. A glitch filter prevents false
flag operation for short excursions in the output voltage, such as during line and load transients. The values for
the various filter and delay times can be found in the Timing Requirements table. Power-good operation can best
be understood by reference to Figure 21.
Figure 21. Power-Good Flag
8.3.8 Internal Compensation and CFF
The LMR23630 is internally compensated as shown in Functional Block Diagram. The internal compensation is
designed so that the loop response is stable over the entire operating frequency and output voltage range.
Depending on the output voltage, the compensation loop phase margin can be low with all ceramic capacitors. TI
recommends an external feed-forward capacitor CFF be placed in parallel with the top resistor divider RFBT for
optimum transient performance.


Similar Part No. - LMR23630AFDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results

Similar Description - LMR23630AFDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com