Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23630AFDDA Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23630AFDDA
Description  SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630AFDDA Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMR23630AFDDA Datasheet HTML 24Page - Texas Instruments LMR23630AFDDA Datasheet HTML 25Page - Texas Instruments LMR23630AFDDA Datasheet HTML 26Page - Texas Instruments LMR23630AFDDA Datasheet HTML 27Page - Texas Instruments LMR23630AFDDA Datasheet HTML 28Page - Texas Instruments LMR23630AFDDA Datasheet HTML 29Page - Texas Instruments LMR23630AFDDA Datasheet HTML 30Page - Texas Instruments LMR23630AFDDA Datasheet HTML 31Page - Texas Instruments LMR23630AFDDA Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
28
LMR23630
SNVSAH2C – DECEMBER 2015 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
11.3 Compact Layout for EMI Reduction
Radiated EMI is generated by the high di/dt components in pulsing currents in switching converters. The larger
area covered by the path of a pulsing current, the more EMI is generated. High frequency ceramic bypass
capacitors at the input side provide primary path for the high di/dt components of the pulsing current. Placing
ceramic bypass capacitor(s) as close as possible to the VIN and PGND pins is the key to EMI reduction.
The SW pin connecting to the inductor must be as short as possible and just wide enough to carry the load
current without excessive heating. Use short, thick traces or copper pours (shapes) high current conduction path
to minimize parasitic resistance. Place the output capacitors close to the VOUT end of the inductor and closely
grounded to PGND pin and exposed PAD.
Place the bypass capacitors on VCC as close as possible to the pin and closely grounded to PGND and the
exposed PAD.
11.4 Ground Plane and Thermal Considerations
TI recommends using one of the middle layers as a solid ground plane. Ground plane provides shielding for
sensitive circuits and traces. It also provides a quiet reference potential for the control circuitry. Connect the
AGND and PGND pins to the ground plane using vias right next to the bypass capacitors. PGND pin is
connected to the source of the internal LS switch. They must be connected directly to the grounds of the input
and output capacitors. The PGND net contains noise at switching frequency and may bounce due to load
variations. PGND trace, as well as VIN and SW traces, must be constrained to one side of the ground plane. The
other side of the ground plane contains much less noise and should be used for sensitive routes.
TI also recommends providing adequate device heat sinking by utilizing the PAD of the device as the primary
thermal path. Use a minimum 4 by 2 array of 12 mil thermal vias to connect the PAD to the system ground plane
heat sink. The vias should be evenly distributed under the PAD. Use as much copper as possible, for system
ground plane, on the top and bottom layers for the best heat dissipation. Use a four-layer board with the copper
thickness for the four layers, starting from the top of, 2 oz / 1 oz / 1 oz / 2 oz. Four-layer boards with enough
copper thickness provides low current conduction impedance, proper shielding, and lower thermal resistance.
The thermal characteristics of the LMR23630 are specified using the parameter RθJA, which characterize the
junction temperature of silicon to the ambient temperature in a specific system. Although the value of RθJA is
dependent on many variables, it still can be used to approximate the operating junction temperature of the
device. To obtain an estimate of the device junction temperature, one may use the following relationship:
TJ = PD × RθJA + TA
(23)
PD = VIN × IIN × (1 – Efficiency) – 1.1 × IOUT
2 × DCR in watt
where
TJ = junction temperature in °C
PD = device power dissipation in watt
RθJA = junction-to-ambient thermal resistance of the device in °C/W
TA = ambient temperature in °C
DCR = inductor DC parasitic resistance in ohm
(24)
The maximum operating junction temperature of the LMR23630 is 125°C. RθJA is highly related to PCB size and
layout, as well as environmental factors such as heat sinking and air flow.


Similar Part No. - LMR23630AFDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results

Similar Description - LMR23630AFDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com