Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23630AFDDA Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23630AFDDA
Description  SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630AFDDA Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMR23630AFDDA Datasheet HTML 16Page - Texas Instruments LMR23630AFDDA Datasheet HTML 17Page - Texas Instruments LMR23630AFDDA Datasheet HTML 18Page - Texas Instruments LMR23630AFDDA Datasheet HTML 19Page - Texas Instruments LMR23630AFDDA Datasheet HTML 20Page - Texas Instruments LMR23630AFDDA Datasheet HTML 21Page - Texas Instruments LMR23630AFDDA Datasheet HTML 22Page - Texas Instruments LMR23630AFDDA Datasheet HTML 23Page - Texas Instruments LMR23630AFDDA Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
BOOT
SW
L
10 H
CBOOT
0.47 F
FB
VIN
VIN 12 V
PGND
COUT
100 F
EN/
SYNC
CIN
10 F
VCC
AGND
VOUT
5 V/3 A
CVCC
2.2 F
RFBT
88.7
RFBB
22.1
PAD
CFF
47 pF
20
LMR23630
SNVSAH2C – DECEMBER 2015 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
High ESR COUT gives enough phase boost and CFF not needed.
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LMR23630 is a step-down DC-to-DC regulator. It is typically used to convert a higher DC voltage to a lower
DC voltage with a maximum output current of 3 A. The following design procedure can be used to select
components for the LMR23630. Alternately, the WEBENCH® software may be used to generate complete
designs. When generating a design, the WEBENCH® software utilizes iterative design procedure and accesses
comprehensive databases of components. See www.ti.com for more details.
9.2 Typical Applications
The LMR23630 only requires a few external components to convert from a wide voltage-range supply to a fixed
output voltage. Figure 23 shows a basic schematic.
Figure 23. LM23630 Application Circuit
The external components must fulfill the needs of the application, but also the stability criteria of the device
control loop. Table 2 can be used to simplify the output filter component selection.
Table 2. L, COUT, and CFF Typical Values
fSW (kHz)
VOUT (V)
L (µH)
COUT (µF)
CFF (pF)
RFBT (kΩ)
200
3.3
15
300
150
51
5
18
200
100
88.7
12
33
100
See(1)
243
24
33
47
See(1)
510
400
3.3
6.8
150
75
51
5
10
100
47
88.7
12
15
68
See(1)
243
24
15
47
See(1)
510
1000
3.3
3.3
68
39
51
5
4.7
47
25
88.7
2200
3.3
2.2
47
33
51
5
2.2
33
18
88.7


Similar Part No. - LMR23630AFDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results

Similar Description - LMR23630AFDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com