Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23630AFDDA Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23630AFDDA
Description  SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630AFDDA Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMR23630AFDDA Datasheet HTML 15Page - Texas Instruments LMR23630AFDDA Datasheet HTML 16Page - Texas Instruments LMR23630AFDDA Datasheet HTML 17Page - Texas Instruments LMR23630AFDDA Datasheet HTML 18Page - Texas Instruments LMR23630AFDDA Datasheet HTML 19Page - Texas Instruments LMR23630AFDDA Datasheet HTML 20Page - Texas Instruments LMR23630AFDDA Datasheet HTML 21Page - Texas Instruments LMR23630AFDDA Datasheet HTML 22Page - Texas Instruments LMR23630AFDDA Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
19
LMR23630
www.ti.com
SNVSAH2C – DECEMBER 2015 – REVISED JUNE 2017
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Shutdown Mode
The EN pin provides electrical ON and OFF control for the LMR23630. When VEN is below 1 V (typical), the
device is in shutdown mode. The LMR23630 also employs VIN and VCC UVLO protection. If VIN or VCC voltage
is below their respective UVLO level, the regulator is turned off.
8.4.2 Active Mode
The LMR23630 is in active mode when VEN is above the precision enable threshold, VIN and VCC are above their
respective UVLO level. The simplest way to enable the LMR23630 is to connect the EN pin to VIN pin. This
allows self startup when the input voltage is in the operating range 4.5 V (HSOIC) and 4 V (WSON) to 36 V. See
to VCC, UVLO and Enable/Sync for details on setting these operating levels.
In active mode, depending on the load current, the LMR23625 is in one of four modes:
1. Continuous conduction mode (CCM) with fixed switching frequency when load current is above half of the
peak-to-peak inductor current ripple (for both PFM and FPWM options).
2. Discontinuous conduction mode (DCM) with fixed switching frequency when load current is lower than half of
the peak-to-peak inductor current ripple in CCM operation (only for PFM option).
3. Pulse frequency modulation mode (PFM) when switching frequency is decreased at very light load (only for
PFM option).
4. Forced pulse width modulation mode (FPWM) with fixed switching frequency even at light load (only for
FPWM option).
8.4.3 CCM Mode
CCM operation is employed in the LMR23630 when the load current is higher than half of the peak-to-peak
inductor current. In CCM operation, the frequency of operation is fixed, output voltage ripple is at a minimum in
this mode, and the maximum output current of 3 A can be supplied by the LMR23630.
8.4.4 Light Load Operation (PFM Version)
For PFM version, when the load current is lower than half of the peak-to-peak inductor current in CCM, the
LMR23630 operates in DCM, also known as diode emulation mode (DEM). In DCM, the LS switch is turned off
when the inductor current drops to IL_ZC (–40 mA typical). Both switching losses and conduction losses are
reduced in DCM, compared to forced PWM operation at light load.
At even lighter current loads, PFM is activated to maintain high efficiency operation. When either the minimum
HS switch ON-time (tON_MIN ) or the minimum peak inductor current IPEAK_MIN (300 mA typ) is reached, the
switching frequency decreases to maintain regulation. In PFM, switching frequency is decreased by the control
loop when load current reduces to maintain output voltage regulation. Switching loss is further reduced in PFM
operation due to less frequent switching actions. The external clock synchronizing is not valid when the
LMR23630 device enters into PFM mode.
8.4.5 Light Load Operation (FPWM Version)
For FPWM version, LMR23630 is locked in PWM mode at full load range. This operation is maintained, even at
no-load, by allowing the inductor current to reverse its normal direction. This mode trades off reduced light load
efficiency for low output voltage ripple, tight output voltage regulation, and constant switching frequency. In this
mode, a negative current limit of IL_NEG is imposed to prevent damage to the regulators low side FET. When in
FPWM mode the converter synchronizes to any valid clock signal on the EN/SYNC input.


Similar Part No. - LMR23630AFDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results

Similar Description - LMR23630AFDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com