Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23630AFDDA Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23630AFDDA
Description  SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630AFDDA Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMR23630AFDDA Datasheet HTML 14Page - Texas Instruments LMR23630AFDDA Datasheet HTML 15Page - Texas Instruments LMR23630AFDDA Datasheet HTML 16Page - Texas Instruments LMR23630AFDDA Datasheet HTML 17Page - Texas Instruments LMR23630AFDDA Datasheet HTML 18Page - Texas Instruments LMR23630AFDDA Datasheet HTML 19Page - Texas Instruments LMR23630AFDDA Datasheet HTML 20Page - Texas Instruments LMR23630AFDDA Datasheet HTML 21Page - Texas Instruments LMR23630AFDDA Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
IN
OUT
OUT
OUT _ MAX
LS _ LIMIT
SW
IN
V
V
V
I
I
2 f
L
V
u
u
u
18
LMR23630
SNVSAH2C – DECEMBER 2015 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
The current going through LS MOSFET is also sensed and monitored. When the LS switch turns on, the inductor
current begins to ramp down. The LS switch is not turned OFF at the end of a switching cycle if its current is
above the LS current limit ILS_LIMIT. The LS switch is kept ON so that inductor current keeps ramping down, until
the inductor current ramps below the LS current limit ILS_LIMIT. Then the LS switch is turned OFF, and the HS
switch is turned on after a dead time. This is somewhat different than the more typical peak current limit and
results in Equation 10 for the maximum load current.
(10)
If the current of the LS switch is higher than the LS current limit for 64 consecutive cycles, hiccup current
protection mode is activated. In hiccup mode, the regulator is shut down and kept off for 5 ms typically before the
LMR23630 tries to start again. If overcurrent or short-circuit fault condition still exist, hiccup will repeat until the
fault condition is removed. Hiccup mode reduces power dissipation under severe overcurrent conditions,
prevents over-heating and potential damage to the device.
For FPWM version, the inductor current is allowed to go negative. If this current exceed IL_NEG, the LS switch is
turned off until the next clock cycle. This is used to protect the LS switch from excessive negative current.
8.3.11 Thermal Shutdown
The LMR23630 provides an internal thermal shutdown to protect the device when the junction temperature
exceeds 170°C (typical). The device is turned off when thermal shutdown activates. Once the die temperature
falls below 155°C (typical), the device reinitiates the power-up sequence controlled by the internal soft-start
circuitry.


Similar Part No. - LMR23630AFDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results

Similar Description - LMR23630AFDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com