Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS93V850 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS93V850
Description  DDR Phase Lock Loop Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93V850 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS93V850 Datasheet HTML 1Page - Integrated Circuit Systems ICS93V850 Datasheet HTML 2Page - Integrated Circuit Systems ICS93V850 Datasheet HTML 3Page - Integrated Circuit Systems ICS93V850 Datasheet HTML 4Page - Integrated Circuit Systems ICS93V850 Datasheet HTML 5Page - Integrated Circuit Systems ICS93V850 Datasheet HTML 6Page - Integrated Circuit Systems ICS93V850 Datasheet HTML 7Page - Integrated Circuit Systems ICS93V850 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ICS93V850
Preliminary Product Preview
0423H—07/03/03
Byte 0: Output Control
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B0
3
,
9
21
8
C
K
L
C
,
8
T
K
L
C
6
t
i
B6
2
,
7
21
9
C
K
L
C
,
9
T
K
L
C
5
t
i
B-
0
d
e
v
r
e
s
e
R
4
t
i
B-
0
*
d
e
v
r
e
s
e
R
3
t
i
B-
0
*
d
e
v
r
e
s
e
R
2
t
i
B-
0
d
e
v
r
e
s
e
R
1
t
i
B-
0
d
e
v
r
e
s
e
R
0
t
i
B-
0
d
e
v
r
e
s
e
R
Byte 1: Output Control
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
d
e
v
r
e
s
e
R
6
t
i
B-
1
d
e
v
r
e
s
e
R
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B-
1
d
e
v
r
e
s
e
R
2
t
i
B-
1
d
e
v
r
e
s
e
R
1
t
i
B-
1
d
e
v
r
e
s
e
R
0
t
i
B-
1
d
e
v
r
e
s
e
R
Byte 3: Reserved
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
d
e
v
r
e
s
e
R
6
t
i
B-
1
d
e
v
r
e
s
e
R
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B-
1
d
e
v
r
e
s
e
R
2
t
i
B-
1
d
e
v
r
e
s
e
R
1
t
i
B-
1
d
e
v
r
e
s
e
R
0
t
i
B-
1
d
e
v
r
e
s
e
R
Byte 4: Reserved
(1= enable, 0 = disable)
Byte 2: Reserved
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
d
e
v
r
e
s
e
R
6
t
i
B-
1
d
e
v
r
e
s
e
R
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B-
1
d
e
v
r
e
s
e
R
2
t
i
B-
1
d
e
v
r
e
s
e
R
1
t
i
B-
1
d
e
v
r
e
s
e
R
0
t
i
B-
1
d
e
v
r
e
s
e
R
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
0
)
e
t
o
N
(
d
e
v
r
e
s
e
R
6
t
i
B-
0
)
e
t
o
N
(
d
e
v
r
e
s
e
R
5
t
i
B-
0
)
e
t
o
N
(
d
e
v
r
e
s
e
R
4
t
i
B-
0
)
e
t
o
N
(
d
e
v
r
e
s
e
R
3
t
i
B-
0
)
e
t
o
N
(
d
e
v
r
e
s
e
R
2
t
i
B-
1
)
e
t
o
N
(
d
e
v
r
e
s
e
R
1
t
i
B-
1
)
e
t
o
N
(
d
e
v
r
e
s
e
R
0
t
i
B-
0
)
e
t
o
N
(
d
e
v
r
e
s
e
R
Byte 5: Reserved
(1= enable, 0 = disable)
Note: Don’t write into this register, writing into this
register can cause malfunction
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B2
,
31
0
C
K
L
C
,
0
T
K
L
C
6
t
i
B6
,
51
1
C
K
L
C
,
1
T
K
L
C
5
t
i
B9
,
0
11
2
C
K
L
C
,
2
T
K
L
C
4
t
i
B9
1
,
0
21
3
C
K
L
C
,
3
T
K
L
C
3
t
i
B3
2
,
2
21
4
C
K
L
C
,
4
T
K
L
C
2
t
i
B7
4
,
6
41
5
C
K
L
C
,
5
T
K
L
C
1
t
i
B3
4
,
4
41
6
C
K
L
C
,
6
T
K
L
C
0
t
i
B0
4
,
9
31
7
C
K
L
C
,
7
T
K
L
C
* Note: Do not change this bit value.


Similar Part No. - ICS93V850

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V855 ICST-ICS93V855 Datasheet
66Kb / 9P
   DDR Phase Lock Loop Clock Driver
logo
Integrated Device Techn...
ICS93V855I IDT-ICS93V855I Datasheet
78Kb / 9P
   Spread Spectrum tolerant inputs
logo
Renesas Technology Corp
ICS93V855I RENESAS-ICS93V855I Datasheet
304Kb / 10P
   DDR Phase Lock Loop Clock Driver
2019
logo
Integrated Circuit Syst...
ICS93V857 ICST-ICS93V857 Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
logo
Renesas Technology Corp
ICS93V857 RENESAS-ICS93V857 Datasheet
277Kb / 12P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
2019
More results

Similar Description - ICS93V850

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V855 ICST-ICS93V855 Datasheet
66Kb / 9P
   DDR Phase Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS93V855I RENESAS-ICS93V855I Datasheet
304Kb / 10P
   DDR Phase Lock Loop Clock Driver
2019
logo
Integrated Circuit Syst...
ICS93701 ICST-ICS93701 Datasheet
175Kb / 9P
   DDR Phase Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
   DDR Phase Lock Loop Clock Driver
2019
logo
Integrated Circuit Syst...
ICS93716 ICST-ICS93716 Datasheet
89Kb / 12P
   Low Cost DDR Phase Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS95V850 RENESAS-ICS95V850 Datasheet
327Kb / 11P
   DDR Phase Lock Loop Clock Driver (60MHz - 210MHz)
2019
ICS93716 RENESAS-ICS93716 Datasheet
319Kb / 14P
   Low Cost DDR Phase Lock Loop Clock Driver
2019
logo
Integrated Circuit Syst...
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
   DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
   DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
   DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com