Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-785E Datasheet(HTML) 2 Page - Broadcom Corporation.

  ACPL-785E Datasheet HTML 1Page - Broadcom Corporation. ACPL-785E Datasheet HTML 2Page - Broadcom Corporation. ACPL-785E Datasheet HTML 3Page - Broadcom Corporation. ACPL-785E Datasheet HTML 4Page - Broadcom Corporation. ACPL-785E Datasheet HTML 5Page - Broadcom Corporation. ACPL-785E Datasheet HTML 6Page - Broadcom Corporation. ACPL-785E Datasheet HTML 7Page - Broadcom Corporation. ACPL-785E Datasheet HTML 8Page - Broadcom Corporation. ACPL-785E Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Broadcom
- 2 -
ACPL-785E, HCPL-7850, HCPL-7851, 5962-97557
Data Sheet
Schematic Diagram
Schematic Diagram
NOTE
A 0.1-μF bypass capacitor must be connected
between pins 1 and 4 and between pins 5 and
8.
Superior performance in design-critical specifications, such as
common-mode rejection, offset voltage, nonlinearity, and
operating temperature, makes the HCPL-7850, HCPL-7851 and
ACPL-785E excellent choices for designing reliable products
such as motor controllers and inverters.
With common-mode rejection of 8 kV/μs, these devices are
suitable for noisy electrical environments such as those
generated by the high switching rates of power IGBTs.
Low offset voltage together with a low offset voltage
temperature coefficient permits accurate use of
auto-calibration techniques.
Gain tolerance of 5% with 0.1% nonlinearity further provide
the performance necessary for accurate feedback and control.
1
2
3
4
8
7
6
5
IDD1
VDD1
VIN+
VIN–
GND1
IDD2
VDD2
VOUT+
VOUT–
GND2
+
+
SHIELD
Selection Guide – Lead Configuration Options
Device Marking
Part Number and Options
Commercial
HCPL-7850
MIL-PRF-38534, Class H
HCPL-7851
MIL-PRF-38534, Class E
ACPL-785E
Standard Lead Finish
Gold Platea
a.
Gold Plate lead finish: Maximum gold thickness of leads is <100 micro inches. Typical is 60 to 90 micro inches.
Gold Platea
Solder Dippedb
b.
Solder lead finish: Sn63/Pb37.
Option #200
Option -200
Butt Cut/Gold Platea
Option #100
Option -100
Gull Wing/Solderedb
Option #300
Option -300
SMD Part Number
Prescript for all below
5962-
5962-
Gold Platea
9755701HPC
9755701EPC
Solder Dippedb
9755701HPA
9755701EPA
Butt Cut/Gold Platea
9755701HYC
9755701EYC
Butt Cut/Solderedb
9755701HYA
9755701EYA
Gull Wing/Solderedb
9755701HXA
9755701EXA
COMPLIANCE INDICATOR,[1]
DATE CODE, SUFFIX (IF NEEDED)
A QYYWWZ
XXXXXXXX
XXXXXXXXX
XXX
XXX
50434
COUNTRY OF MFR.
Avago CAGE CODE[1]
Avago DESIGNATOR
DLA SMD[1]
PIN ONE/
ESD IDENT
Avago P/N
DLA SMD[1]
[1] QML PARTS ONLY


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com