Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 15 Page - Broadcom Corporation.

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-785E Datasheet(HTML) 15 Page - Broadcom Corporation.

Back Button ACPL-785E Datasheet HTML 8Page - Broadcom Corporation. ACPL-785E Datasheet HTML 9Page - Broadcom Corporation. ACPL-785E Datasheet HTML 10Page - Broadcom Corporation. ACPL-785E Datasheet HTML 11Page - Broadcom Corporation. ACPL-785E Datasheet HTML 12Page - Broadcom Corporation. ACPL-785E Datasheet HTML 13Page - Broadcom Corporation. ACPL-785E Datasheet HTML 14Page - Broadcom Corporation. ACPL-785E Datasheet HTML 15Page - Broadcom Corporation. ACPL-785E Datasheet HTML 16Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Broadcom
- 15 -
ACPL-785E, HCPL-7850, HCPL-7851, 5962-97557
Data Sheet
Post-Amplifier Circuit
Post-Amplifier Circuit
The recommended application circuit (Figure 24) includes a
post-amplifier circuit that serves three functions: to reference
the output signal to the desired level (usually ground), to
amplify the signal to appropriate levels, and to help filter
output noise. The particular op-amp used in the post-amp is
not critical; however, it should have low enough offset and
high enough bandwidth and slew rate so that it does not
adversely affect circuit performance. The offset of the op-amp
should be low relative to the output offset of the HCPL-785x, or
less than about 5 mV.
To maintain overall circuit bandwidth, the post-amplifier circuit
should have a bandwidth at least twice the minimum
bandwidth of the isolation amplifier, or about 200 kHz. To
obtain a bandwidth of 200 kHz with a gain of 5, the op-amp
should have a gain-bandwidth greater than 1 mHz. The
post-amplifier circuit includes a pair of capacitors (C5 and C6)
that form a single-pole low-pass filter. These capacitors allow
the bandwidth of the post-amp to be adjusted independently
of the gain and are useful for reducing the output noise from
the isolation amplifier (doubling the capacitor values halves
the circuit bandwidth). The component values shown in
Figure 24 form a differential amplifier with a gain of 5 and a
cutoff frequency of approximately 100 kHz, and were chosen as
a compromise between low noise and fast response times. The
overall recommended application circuit has a bandwidth of
66 kHz, a rise time of 5.2 μs and a delay to 90% of 8.5 μs.
The gain-setting resistors in the post-amp should have a
tolerance of 1% or better to ensure adequate CMRR and gain
tolerance for the overall circuit. Resistor networks with even
better ratio tolerances can be used, which offer better
performance, as well as reducing the total component count
and board space.
The post-amplifier circuit can be easily modified to allow for
single-supply operation. Figure 25 shows a schematic for a post
amplifier for use in 5V single supply applications. One
additional resistor is needed and the gain is decreased to 1 to
allow circuit operation over the full input voltage range. See
Application Note 1078, Designing with Avago Technologies
Isolation Amplifiers, for more information on the post-amplifier
circuit.
Other Information
As mentioned above, reducing the bandwidth of the post
amplifier circuit reduces the amount of output noise. Figure 22
shows how the output noise changes as a function of the
post-amplifier bandwidth. The post-amplifier circuit exhibits a
first-order low-pass filter characteristic. For the same filter
bandwidth, a higher-order filter can achieve even better
attenuation of modulation noise due to the second-order noise
shaping of the sigma-delta modulator. For more information
on the noise characteristics of the HCPL-785x, see Application
Note 1078, Designing with Avago Technologies Isolation
Amplifiers.
The HCPL-785x can also be used to isolate signals with
amplitudes larger than its recommended input range through
the use of a resistive voltage divider at its input. The only
restrictions are that the impedance of the divider be relatively
small (less than 1 KΩ so that the input resistance (480 KΩ) and
input bias current (0.6 μA) do not affect the accuracy of the
measurement. An input bypass capacitor is still required,
although the 68Ω series damping resistor is not. (The
resistance of the voltage divider provides the same function.)
The low-pass filter formed by the divider resistance and the
input bypass capacitor may limit the achievable bandwidth.
Table 1 Current Shunt Summary
Shunt Resistor
Part Number
Shunt Resistance
Maximum Power
Dissipation
Maximum Average
Current
Maximum Horsepower
Range
LVR-3.05-1%
50 mΩ
3W
3A
0.8 to 3.0 hp
LVR-3.02-1%
20 mΩ
3W
8A
2.2 to 8.0 hp
LVR-3.01-1%
10 mΩ
3W
15A
4.1 to 15 hp
LVR-5.005-1%
5 mΩ
5W
35A
9.6 to 35 hp


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
logo
Micropac Industries
62087 MICROPAC-62087 Datasheet
46Kb / 2P
Hermetically sealed
62111 MICROPAC-62111 Datasheet
87Kb / 2P
Hermetically sealed
62121 MICROPAC-62121 Datasheet
65Kb / 2P
Hermetically sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
Hermetically Sealed
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
Hermetically Sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com