Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 14 Page - Broadcom Corporation.

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-785E Datasheet(HTML) 14 Page - Broadcom Corporation.

Back Button ACPL-785E Datasheet HTML 8Page - Broadcom Corporation. ACPL-785E Datasheet HTML 9Page - Broadcom Corporation. ACPL-785E Datasheet HTML 10Page - Broadcom Corporation. ACPL-785E Datasheet HTML 11Page - Broadcom Corporation. ACPL-785E Datasheet HTML 12Page - Broadcom Corporation. ACPL-785E Datasheet HTML 13Page - Broadcom Corporation. ACPL-785E Datasheet HTML 14Page - Broadcom Corporation. ACPL-785E Datasheet HTML 15Page - Broadcom Corporation. ACPL-785E Datasheet HTML 16Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Broadcom
- 14 -
ACPL-785E, HCPL-7850, HCPL-7851, 5962-97557
Data Sheet
Shunt Resistor Selections
Shunt Resistor Selections
The current-sensing shunt resistor should have low resistance
(to minimize power dissipation), low inductance (to minimize
di/dt induced voltage spikes that could adversely affect
operation), and reasonable tolerance (to maintain overall
circuit accuracy). The value of the shunt should be chosen as a
compromise between minimizing power dissipation by
making the shunt resistance smaller and improving circuit
accuracy by making it larger and utilizing the full input range of
the HCPL-785x. Broadcom recommends four different shunts
that can be used to sense average currents in motor drives up
to 35A and 35 hp. Table 1 shows the maximum current and
horsepower range for each of the LVR-series shunts from Dale.
Even higher currents can be sensed with lower value shunts
available from vendors such as Dale, IRC, and Isotek
(Isabellenhuette). When sensing currents large enough to
cause significant heating of the shunt, the temperature
coefficient of the shunt can introduce nonlinearity due to the
signal dependent temperature rise of the shunt. Using a heat
sink for the shunt or using a shunt with a lower tempco can
help minimize this effect. The Application Note 1078, Designing
with Avago Technologies Isolation Amplifiers, contains additional
information on designing with current shunts.
The recommended method for connecting the isolation
amplifier to the shunt resistor is shown in Figure 24. Pin 2 (VIN+)
is connected to the positive terminal of the shunt resistor, while
pin 3 (VIN–) is shorted to pin 4 (GND1), with the power-supply
return path functioning as the sense line to the negative
terminal of the current shunt. This allows a single pair of wires
or PC board traces to connect the isolation amplifier circuit to
the shunt resistor. In some applications, however, supply
currents flowing through the power-supply return path may
cause offset or noise problems. In this case, better performance
may be obtained by connecting pin 3 to the negative terminal
of the shunt resistor separate from the power supply return
path. When connected this way, both input pins should be
bypassed. Whether two or three wires are used, it is
recommended that twisted-pair wire or very close PC board
traces be used to connect the current shunt to the isolation
amplifier circuit to minimize electromagnetic interference to
the sense signal.
The 68Ω resistor in series with the input lead forms a low-pass
anti-aliasing filter with the input bypass capacitor with a
200 kHz bandwidth. The resistor performs another important
function as well: it dampens any ringing that might be present
in the circuit formed by the shunt, the input bypass capacitor,
and the wires or traces connecting the two. Undampened
ringing of the input circuit near the input sampling frequency
can alias into the baseband producing what might appear to
be noise at the output of the device. To be effective, the
damping resistor should be at least 39Ω.
PC Board Layout
In addition to affecting offset, the layout of the PC board can
also affect the common-mode rejection (CMR) performance of
the isolation amplifier, due primarily to stray capacitive
coupling between the input and the output circuits. To obtain
optimal CMR performance, the layout of the printed circuit
board (PCB) should minimize any stray coupling by
maintaining the maximum possible distance between the
input and output sides of the circuit and ensuring that any
ground plane on the PCB does not pass directly below the
HCPL-785x. Using surface-mount components can help
achieve many of the PCB objectives discussed in the preceding
paragraphs. An example through-hole PCB layout illustrating
some of the more important layout recommendations is
shown in Figure 26 and Figure 27. See Application Note 1078,
Designing with Avago Technologies Isolation Amplifiers, for more
information on PCB layout consideration.
Figure 28 Operating Circuit for Burn-In and Steady State Life Tests
1
2
3
4
8
7
6
5
VDD
VIN+
VIN–
GND
VDD
VOUT+
VOUT–
GND
+
+
27
1 k
1 k
27
1 k
1 k
(+)
(–)
VDD
5.5 VDC
0.1 F
CONDITIONS: ICC = 17.5 mA
TA = +125° C


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
logo
Micropac Industries
62087 MICROPAC-62087 Datasheet
46Kb / 2P
Hermetically sealed
62111 MICROPAC-62111 Datasheet
87Kb / 2P
Hermetically sealed
62121 MICROPAC-62121 Datasheet
65Kb / 2P
Hermetically sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
Hermetically Sealed
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
Hermetically Sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com