Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-785E Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button ACPL-785E Datasheet HTML 6Page - Broadcom Corporation. ACPL-785E Datasheet HTML 7Page - Broadcom Corporation. ACPL-785E Datasheet HTML 8Page - Broadcom Corporation. ACPL-785E Datasheet HTML 9Page - Broadcom Corporation. ACPL-785E Datasheet HTML 10Page - Broadcom Corporation. ACPL-785E Datasheet HTML 11Page - Broadcom Corporation. ACPL-785E Datasheet HTML 12Page - Broadcom Corporation. ACPL-785E Datasheet HTML 13Page - Broadcom Corporation. ACPL-785E Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Broadcom
- 10 -
ACPL-785E, HCPL-7850, HCPL-7851, 5962-97557
Data Sheet
AC Electrical Specifications
Figure 15 Output Supply Current vs. Input Voltage
Figure 16 Input and Output Supply Current vs. Temperature
VIN+ – INPUT VOLTAGE – V
10.0
8.0
-0.2
0.4
-0.4
0.2
0
9.0
9.5
8.5
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
TA = 25° C
IDD1
IDD2
TA – TEMPERATURE – °C
10
5
20
0
15
20
140
100
-60
60
-20
VDD1 = 5 V
VDD2 = 5 V
VIN+ = 320 mV
VIN– = 0 V
Figure 17 Common-Mode Rejection Test Circuit
Figure 18 Propagation Delay, Rise/Fall Time and Bandwidth Test Circuit
0.1 F
VDD2
VOUT
8
7
6
1
3
HCPL-785x
5
2
4
2 K
2 K
78L05
+15 V
0.1 F
0.1 F
-15 V
+
MC34081
150
pF
IN OUT
0.1
F
0.1
F
9 V
PULSE GEN.
VCM
+
10 K
10 K
150 pF
0.1 F
VDD2
VOUT
8
7
6
1
3
HCPL-785x
5
2
4
2 K
2 K
+15 V
0.1 F
0.1 F
-15 V
+
MC34081
0.1 F
10 K
10 K
0.01 F
VDD1
VIN
VIN IMPEDANCE LESS THAN 10 .


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com