Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-785E Datasheet(HTML) 4 Page - Broadcom Corporation.

  ACPL-785E Datasheet HTML 1Page - Broadcom Corporation. ACPL-785E Datasheet HTML 2Page - Broadcom Corporation. ACPL-785E Datasheet HTML 3Page - Broadcom Corporation. ACPL-785E Datasheet HTML 4Page - Broadcom Corporation. ACPL-785E Datasheet HTML 5Page - Broadcom Corporation. ACPL-785E Datasheet HTML 6Page - Broadcom Corporation. ACPL-785E Datasheet HTML 7Page - Broadcom Corporation. ACPL-785E Datasheet HTML 8Page - Broadcom Corporation. ACPL-785E Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Broadcom
- 4 -
ACPL-785E, HCPL-7850, HCPL-7851, 5962-97557
Data Sheet
Absolute Maximum Ratings
Absolute Maximum Ratings
ESD Classification
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Notes
Storage Temperature
TS
–65
+150
°C
Operating Temperature
TA
–55
+125
°C
Supply Voltages
VDD1, VDD2
0.0
+5.5
V
Steady-State Input Voltage
2 Second Transient Input Voltage
VIN+, VIN–
–2.0
–6.0
VDD1 + 0.5
VDD1 + 0.5
V
V
a
a
a.
If VIN– is brought above VDD1 – 2V with respect to GND1 an internal test mode may be activated. This test mode is not intended for customer use.
Output Voltages
VOUT+, VOUT–
–0.5
VDD2 + 0.5
V
Lead Solder Temperature
260 for 10 sec
°C
(MIL-STD-883, Method 3015)
HCPL-7850, HCPL-7851, and ACPL-785E
, Class 1
Parameter
Symbol
Min
Max
Unit
Supply Voltages
VDD1, VDD2
4.5
5.5
V
Input Voltagea
a.
If VIN– is brought above VDD1 – 2V with respect to GND1 an internal test mode may be activated. This test mode is not intended for customer use.
VIN+, VIN–
–200
+200
mV


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com