Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-785E Datasheet(HTML) 3 Page - Broadcom Corporation.

  ACPL-785E Datasheet HTML 1Page - Broadcom Corporation. ACPL-785E Datasheet HTML 2Page - Broadcom Corporation. ACPL-785E Datasheet HTML 3Page - Broadcom Corporation. ACPL-785E Datasheet HTML 4Page - Broadcom Corporation. ACPL-785E Datasheet HTML 5Page - Broadcom Corporation. ACPL-785E Datasheet HTML 6Page - Broadcom Corporation. ACPL-785E Datasheet HTML 7Page - Broadcom Corporation. ACPL-785E Datasheet HTML 8Page - Broadcom Corporation. ACPL-785E Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Broadcom
- 3 -
ACPL-785E, HCPL-7850, HCPL-7851, 5962-97557
Data Sheet
Outline Drawing
Outline Drawing
8-Pin DIP Through Hole
Hermetic Optocoupler Options
Option
Description
100
Surface-mountable hermetic optocoupler with leads trimmed for butt joint assembly. This option is available on Commercial, Class
H and Class E product in 8-pin DIP.
200
Lead finish is solder dipped rather than gold plated. This option is available on Commercial, Class H and Class E product in 8-pin DIP.
DLA Drawing (SMD) part numbers contain provisions for lead finish.
300
Surface-mountable hermetic optocoupler with leads cut and bent for gull wing assembly. This option is available on Commercial,
Class H and Class E product in 8-pin DIP. This option has solder-dipped leads.
0.51 (0.020)
MIN.
8.13 (0.320)
MAX.
4.32 (0.170)
MAX.
0.51 (0.020)
MAX.
3.81 (0.150)
MIN.
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
10.03 (0.395)
10.29 (0.405)
1.02 (0.040)
1.52 (0.060)
2.29 (0.090)
2.79 (0.110)
7.16 (0.282)
7.57 (0.298)
0.20 (0.008)
0.33 (0.013)
7.36 (0.290)
7.87 (0.310)
0.51 (0.020)
MIN.
4.32 (0.170)
MAX.
0.51 (0.020)
MAX.
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
2.29 (0.090)
2.79 (0.110)
1.14 (0.045)
1.40 (0.055)
0.20 (0.008)
0.33 (0.013)
7.36 (0.290)
7.87 (0.310)
5° MAX.
0.51 (0.020)
MIN.
4.57 (0.180)
MAX.
4.57 (0.180)
MAX.
0.51 (0.020)
MAX.
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
2.29 (0.090)
2.79 (0.110)
1.40 (0.055)
1.65 (0.065)
0.20 (0.008)
0.33 (0.013)
9.65 (0.380)
9.91 (0.390)
1.07 (0.042)
1.32 (0.052)


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com