Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRP-C-2001SP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # KRP-C-2001SP
Description  time-delay fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KRP-C-2001SP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  KRP-C-2001SP Datasheet HTML 1Page - List of Unclassifed Manufacturers KRP-C-2001SP Datasheet HTML 2Page - List of Unclassifed Manufacturers KRP-C-2001SP Datasheet HTML 3Page - List of Unclassifed Manufacturers KRP-C-2001SP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low-Peak™ KRP-C Class L 600Vac, 2001-6000A,
300Vdc 3000A time-delay fuses
Technical Data 1009
Effective February 2016
Eaton, Bussmann and Low-Peak are valuable
trademarks of Eaton in the US and other
countries. You are not permitted to use
the Eaton trademarks without prior written
consent of Eaton.
CSA is a registered trademark of the Canadian
Standards Group.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2016 Eaton
All Rights Reserved
Printed in USA
Publication No. 1009 — BU-SB15052
February 2016
Follow us on social media to get the
latest product and support information.
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document
are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help
the end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or
limit distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin.
Once a product has been selected, it should be tested by the user in all possible applications.


Similar Part No. - KRP-C-2001SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KRP-C-2001SP COOPER-KRP-C-2001SP Datasheet
741Kb / 4P
   Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
logo
Eaton All Rights Reserv...
KRP-C-2001SP EATON-KRP-C-2001SP Datasheet
741Kb / 4P
   Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
More results

Similar Description - KRP-C-2001SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
   Time-Delay Fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
   time-delay fuses
6125TD ETC1-6125TD Datasheet
97Kb / 2P
   Brick Fuses Time Delay
logo
Eaton All Rights Reserv...
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
   Subminiature time-delay fuses
logo
Cooper Bussmann, Inc.
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
   Time-Delay, Glass Tube Fuses
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
   Dual-Element Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
   Dual-Element, Time-Delay Fuses
logo
Bel Fuse Inc.
0ABB BEL-0ABB Datasheet
731Kb / 4P
   0603 Time Delay SMD Fuses
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
   Dual-Element Time-Delay Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com