Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRP-C-2001SP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KRP-C-2001SP
Description  time-delay fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KRP-C-2001SP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KRP-C-2001SP Datasheet HTML 1Page - List of Unclassifed Manufacturers KRP-C-2001SP Datasheet HTML 2Page - List of Unclassifed Manufacturers KRP-C-2001SP Datasheet HTML 3Page - List of Unclassifed Manufacturers KRP-C-2001SP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1009
Effective February 2016
Low-Peak™ KRP-C Class L 600Vac, 2001-6000A,
300Vdc 3000A time-delay fuses
Eaton.com/bussmannseries
Time-current curves - average melt:
AMP RATING
CURRENT IN AMPS
300
100
10
1
0.1
0.01


Similar Part No. - KRP-C-2001SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KRP-C-2001SP COOPER-KRP-C-2001SP Datasheet
741Kb / 4P
   Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
logo
Eaton All Rights Reserv...
KRP-C-2001SP EATON-KRP-C-2001SP Datasheet
741Kb / 4P
   Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
More results

Similar Description - KRP-C-2001SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
   Time-Delay Fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
   time-delay fuses
6125TD ETC1-6125TD Datasheet
97Kb / 2P
   Brick Fuses Time Delay
logo
Eaton All Rights Reserv...
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
   Subminiature time-delay fuses
logo
Cooper Bussmann, Inc.
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
   Time-Delay, Glass Tube Fuses
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
   Dual-Element Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
   Dual-Element, Time-Delay Fuses
logo
Bel Fuse Inc.
0ABB BEL-0ABB Datasheet
731Kb / 4P
   0603 Time Delay SMD Fuses
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
   Dual-Element Time-Delay Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com