Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM7132 Datasheet(PDF) 4 Page - Cirrus Logic

Part # WM7132
Description  Bottom Port Analog Silicon Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7132 Datasheet(HTML) 4 Page - Cirrus Logic

  WM7132 Datasheet HTML 1Page - Cirrus Logic WM7132 Datasheet HTML 2Page - Cirrus Logic WM7132 Datasheet HTML 3Page - Cirrus Logic WM7132 Datasheet HTML 4Page - Cirrus Logic WM7132 Datasheet HTML 5Page - Cirrus Logic WM7132 Datasheet HTML 6Page - Cirrus Logic WM7132 Datasheet HTML 7Page - Cirrus Logic WM7132 Datasheet HTML 8Page - Cirrus Logic WM7132 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
WM7132PE
4
Rev 4.0
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Cirrus tests its package types according to IPC/JEDEC J-STD-020 for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL2A = out of bag storage for 4 weeks at <30°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Supply Voltage (VDD)
-0.3V
+4.2V
Operating temperature range, TA
-40°C
+100°C
Storage temperature prior to soldering
30°C max / 60% RH max
Storage temperature after soldering
-40°C
+100°C
IMPORTANT ASSEMBLY GUIDELINES
Do not put a vacuum over the port hole of the microphone. Placing a vacuum over the port hole can damage the device.
Do not board wash the microphone after a re-flow process. Board washing and the associated cleaning agents can damage the
device. Do not expose to ultrasonic cleaning methods.
Do not use a vapour phase re-flow process. The vapour can damage the device.
Please refer to application note WAN0273 (MEMS MIC Assembly and Handling Guidelines) for further assembly and handling
guidelines.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Analog Supply Range
VDD
1.5
3.7
V
Ground
GND
0
V


Similar Part No. - WM7132

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7132E WOLFSON-WM7132E Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
More results

Similar Description - WM7132

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
   Miniature Bottom Port Analog MEMS Microphone
logo
Knowles Electronics
SPW0878LR5H-1 KNOWLES-SPW0878LR5H-1 Datasheet
3Mb / 10P
   ANALOG BOTTOM PORT SISONIC™ MICROPHONE
2020
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
   Miniature Bottom Port Analog MEMS Microphone
logo
Knowles Electronics
SPV61A0LR5H-1 KNOWLES-SPV61A0LR5H-1 Datasheet
2Mb / 9P
   ANALOG BOTTOM PORT SISONIC™ MICROPHONE
Rev. A
logo
Wolfson Microelectronic...
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
   Bottom Port Analogue Silicon Microphone
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com