Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM7132 Datasheet(PDF) 3 Page - Cirrus Logic

Part # WM7132
Description  Bottom Port Analog Silicon Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7132 Datasheet(HTML) 3 Page - Cirrus Logic

  WM7132 Datasheet HTML 1Page - Cirrus Logic WM7132 Datasheet HTML 2Page - Cirrus Logic WM7132 Datasheet HTML 3Page - Cirrus Logic WM7132 Datasheet HTML 4Page - Cirrus Logic WM7132 Datasheet HTML 5Page - Cirrus Logic WM7132 Datasheet HTML 6Page - Cirrus Logic WM7132 Datasheet HTML 7Page - Cirrus Logic WM7132 Datasheet HTML 8Page - Cirrus Logic WM7132 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
WM7132PE
Rev 4.0
3
PIN CONFIGURATION
Top View
3
2
6
1
5
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
OUTPUT
Analog Output
Microphone analog output signal
2
GND
Supply
Analog ground
3
GND
Supply
Analog ground
4
VDD
Supply
Analog supply
5
GND
Supply
Analog ground
6
GND
Supply
Analog ground
ORDERING INFORMATION
ORDER CODE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM7132PIMSE/RV
-40 to +100°C
LGA
(tape and reel)
MSL2A
+260°C
Note:
Reel quantity = 5000
All devices are Pb-free and Halogen free.


Similar Part No. - WM7132

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7132E WOLFSON-WM7132E Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
More results

Similar Description - WM7132

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
logo
Knowles Electronics
SPW0878LR5H-1 KNOWLES-SPW0878LR5H-1 Datasheet
3Mb / 10P
ANALOG BOTTOM PORT SISONIC™ MICROPHONE
2020
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
logo
Knowles Electronics
SPV61A0LR5H-1 KNOWLES-SPV61A0LR5H-1 Datasheet
2Mb / 9P
ANALOG BOTTOM PORT SISONIC™ MICROPHONE
Rev. A
logo
Wolfson Microelectronic...
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
Bottom Port Analogue Silicon Microphone
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com