Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM7132 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM7132
Description  Bottom Port Analog Silicon Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7132 Datasheet(HTML) 1 Page - Cirrus Logic

  WM7132 Datasheet HTML 1Page - Cirrus Logic WM7132 Datasheet HTML 2Page - Cirrus Logic WM7132 Datasheet HTML 3Page - Cirrus Logic WM7132 Datasheet HTML 4Page - Cirrus Logic WM7132 Datasheet HTML 5Page - Cirrus Logic WM7132 Datasheet HTML 6Page - Cirrus Logic WM7132 Datasheet HTML 7Page - Cirrus Logic WM7132 Datasheet HTML 8Page - Cirrus Logic WM7132 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Bottom Port Analog Silicon Microphone
http://www.cirrus.com
Copyright
 Cirrus Logic, Inc., 2014–2015
(All Rights Reserved)
Rev 4.0
MAR
‘15
WM7132PE
DESCRIPTION
The WM7132P is a low-profile silicon analog microphone. It
offers high Signal to Noise Ratio (SNR) and low power
consumption and is suited to a wide variety of consumer
applications.
The
WM7132P
incorporates
Cirrus
proprietary
CMOS/MEMS membrane technology, offering high reliability
and high performance in a miniature, low-profile package.
The
WM7132P
is
designed
to
withstand
the
high
temperatures
associated
with
automated
flow
solder
assembly processes. (Note that conventional microphones
can be damaged by this process.)
The WM7132P Bottom Port microphone offers matched
performance to the WM7121P Top Port microphone. The
matched characteristics enable highly accurate sound pick-
up in opposite directions, suitable for noise cancellation and
other DSP algorithms.
The WM7132P offers a tight tolerance on the microphone
sensitivity, giving reduced variation between parts. This
removes the need for in-line production calibration of part-to-
part microphone variations.
FEATURES
High SNR (65dB)
Low variation in sensitivity (±1dB tolerance)
Matched pair with Top Port microphone WM7121P
-
Matched sensitivity, roll-off, and phase response
Low current consumption (190µA)
Analog output
Bottom Port LGA Package
1.5V to 3.7V supply
APPLICATIONS
Mobile phone handsets
Portable media players
Digital still cameras
Digital video cameras
Bluetooth headsets
Portable navigation devices
Portable games consoles
BLOCK DIAGRAM
CMOS MEMS
Transducer
VDD
CHARGE
PUMP
GND
WM7132P
AMP
OUTPUT
3D VIEW
3.76mm x 3.00mm x 1.10mm LGA package


Similar Part No. - WM7132

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7132E WOLFSON-WM7132E Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
More results

Similar Description - WM7132

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
logo
Knowles Electronics
SPW0878LR5H-1 KNOWLES-SPW0878LR5H-1 Datasheet
3Mb / 10P
ANALOG BOTTOM PORT SISONIC™ MICROPHONE
2020
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
logo
Knowles Electronics
SPV61A0LR5H-1 KNOWLES-SPV61A0LR5H-1 Datasheet
2Mb / 9P
ANALOG BOTTOM PORT SISONIC™ MICROPHONE
Rev. A
logo
Wolfson Microelectronic...
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
Bottom Port Analogue Silicon Microphone
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com