Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM7132 Datasheet(PDF) 8 Page - Cirrus Logic

Part # WM7132
Description  Bottom Port Analog Silicon Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7132 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button WM7132 Datasheet HTML 4Page - Cirrus Logic WM7132 Datasheet HTML 5Page - Cirrus Logic WM7132 Datasheet HTML 6Page - Cirrus Logic WM7132 Datasheet HTML 7Page - Cirrus Logic WM7132 Datasheet HTML 8Page - Cirrus Logic WM7132 Datasheet HTML 9Page - Cirrus Logic WM7132 Datasheet HTML 10Page - Cirrus Logic WM7132 Datasheet HTML 11Page - Cirrus Logic WM7132 Datasheet HTML 12Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
WM7132PE
8
Rev 4.0
CONNECTION TO A CIRRUS AUDIO CODEC
Cirrus provides a range of audio CODECs incorporating an analog microphone input interface; these
support connection to silicon microphones such as the WM7132P.
The recommended connection of a WM7132P silicon microphone is illustrated in Figure 2 (for single-
ended mode) and Figure 3 (for pseudo-differential mode).
A DC blocking capacitor is required, as described in the previous section. A 2.2µF decoupling
capacitor is also recommended; this should be positioned close to the VDD pin of the WM7132P.
Further information on Cirrus audio CODECs is provided in the respective product datasheet, which is
available from the Cirrus website.
Audio CODEC
OUTPUT
MICBIAS
Analogue Input pin
(eg. IN1xP)
VDD
GND
1
F
WM7132P
2.2
F
Figure 2 WM7132P Silicon Microphone Single-ended Connection
1
F
Audio CODEC
OUTPUT
MICBIAS
Non-Inverting Input pin
(eg. IN1xP)
VDD
GND
1
F
Inverting Input pin
(eg. IN1xN)
WM7132P
2.2
F
Figure 3 WM7132P Silicon Microphone Pseudo-differential Connection
MATCHED MICROPHONE PAIRS
The WM7132P Bottom Port microphone offers matched performance to the WM7121P Top Port
microphone.
Matched microphone pairs are ideal for accurate sound pick-up from opposite directions in slim, low-
profile applications. For best acoustic matching, the Top Port and Bottom Port microphones should be
positioned close together, on the same side of the PCB.
The WM7132P and WM7121P microphones offer matched sensitivity, low-frequency roll-off, and
phase response characteristics, enabling simplified system design when using these complementary
devices.


Similar Part No. - WM7132

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7132E WOLFSON-WM7132E Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
More results

Similar Description - WM7132

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
   Miniature Bottom Port Analog MEMS Microphone
logo
Knowles Electronics
SPW0878LR5H-1 KNOWLES-SPW0878LR5H-1 Datasheet
3Mb / 10P
   ANALOG BOTTOM PORT SISONIC™ MICROPHONE
2020
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
   Miniature Bottom Port Analog MEMS Microphone
logo
Knowles Electronics
SPV61A0LR5H-1 KNOWLES-SPV61A0LR5H-1 Datasheet
2Mb / 9P
   ANALOG BOTTOM PORT SISONIC™ MICROPHONE
Rev. A
logo
Wolfson Microelectronic...
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
   Bottom Port Analogue Silicon Microphone
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com